Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1366NL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PA1366NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1366NL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  PA1366NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 5Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD20 Platforms - SMT
Mechanical
12-PIN
SMT
SUGGESTED PAD LAYOUT
.930
23,62
12X .060
1,52
.590
14,99
.118
3,00
16
12
7
1.190
30,23
12X .080
2,03
.010 ± .002
0,25 ± 0,05
.450 MAX
11,43
.006 /0,15
12 SURFACES
Part Number
Date Code
Country of Origin
1.150
29,21
MAX
12X .028
0,71
.590
14,99
.118
3,00
16
12
7
.860
21,84MAX
1. The temperature of the component (ambient plus temperature rise) must
be within the stated operating temperature range.
2. The above transformers and inductors have been tested and approved
by Pulse's power IC partners and are sited in the appropriate datasheet
or evaluation board documentation at these companies. To determine
which IC and IC partners are matched with the above Pulse part num-
bers please consult the IC Cross Reference on the Pulse website.
3. For flyback topology applications, it is necessary to ensure that the trans-
former will not saturate in the application. The peak flux density (Bpk)
should remain below 2700Gauss. To calculate the peak flux density use
the following formula:
Bpk (Gauss) = K1_Factor * Ipk(A)
4. In high volt-µsec applications, it is important to calculate the core loss of
the transformer. Approximate transformer core loss can be calculated as:
CoreLoss (W) = 1.32E-13 * (Freq_kHz)1.63 * (
ΔB_Gauss)2.63
where
ΔB can be calculated as:
For Flyback Topology:
ΔB = K1_Factor * Δ(A)
For Forward Topology:
ΔB = K1_Factor * Volt-µsec
5. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PA0273NL becomes PA0273NLT). Pulse complies
with industry standard tape and reel specification EIA481. The tape and
reel for this product has a width (W=44mm), pitch (Po=32mm) and depth
(Ko=11.78mm).
6. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suf-
fixed parts are not necessarily RoHS compliant, but are electrically and
mechanically equivalent to NL versions. If a part number does not have
the "NL" suffix, but an RoHS compliant version is required, please con-
tact Pulse for availability.
Notes
www.pulseeng.com
6
PRELIMINARY P666.A (3/08)
This is a “Preliminary” product data sheet. Products mentioned on this data sheet are in development and in the process of being qualified. These products are not fully
released nor are they in production. Features, specifications and performance of products offered are subject to change without notice. Other brand and product names
mentioned herein may be products and/or registered trademarks of their respective owners. For current information on this product, please contact the Pulse office
nearest you and ask for the “Power Applications Engineer.” © Copyright, 2008. Pulse Engineering, Inc. All rights reserved.
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
32667
TEL: 886 3 4643715
FAX: 886 3 4641911
Pulse China
Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
TEL: 86 21 32181071
FAX: 86 21 32181396
Pulse European
Headquarters
Einsteinstrasse 1
D-71083 Herrenberg
Germany
TEL: 49 7032 7806 0
FAX: 49 7032 7806 12


Similar Part No. - PA1366NL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1366 ETC2-PA1366 Datasheet
133Kb / 1P
   HDTV 1300 Series Crimper
More results

Similar Description - PA1366NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com