Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1366NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA1366NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1366NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA1366NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 5Page - Pulse A Technitrol Company PA1366NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
2
PRELIMINARY P666.A (3/08)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD20 Platforms - SMT
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C 5
Pri. Inductance
(2,3-4,5)
10µH ±10%
Lk. Inductance
(2,3-4,5) with (11,8) shorted
0.3µH MAX
PA1366NL
DCR
(2,3-4,5)
15.75m
Ω MAX
(11-8)
560m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
322.6
Pri. Inductance
(2-5)
40.9µH ±32%
Lk. Inductance
(2-5) with (12,11,10,9,8,7) shorted
1.0µH MAX
(2-5)
40m
Ω MAX
PA1442NL
DCR
(12-11)
4m
Ω MAX
(10-9)
27m
Ω MAX
(8-7)
19m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
824.6
Pri. Inductance
(1,2-3,4)
38.3µH ±7%
Lk. Inductance
(1,2-3,4) with (12,11,10,9,8,7) shorted
1.0µH MAX
(1-3)
72m
Ω MAX
PA1477NL
DCR
(2-4)
85m
Ω MAX
(12,11,10-9,8,7)
2.5m
Ω MAX
(5-6)
230m
Ω MAX
Hi-Pot
Pri-Sec
1800Vrms
K1 Factor
772.2
Pri. Inductance
(1,2-3,4)
11.5µH ±10%
Lk. Inductance
(1,2-3,4) with (12,11,10,9,8,7) shorted
0.5µH MAX
(1,2-3,4)
28m
Ω MAX
(8-7)
12m
Ω MAX
PA1558NL
DCR
(12-11)
5m
Ω MAX
(10-9)
62m
Ω MAX
(5-6)
190m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
463.7
Pri. Inductance
(3,4-5,6)
66.1µH ±10%
Lk. Inductance
(3,4-5,6) with (12,11,10,9,8,7) shorted
1.0µH MAX
(3,4-5,6)
82m
Ω MAX
PA1559NL
DCR
(12,11-10,9)
12m
Ω MAX
(8-7)
97m
Ω MAX
(1-2)
178m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
1015.4
Pri. Inductance
(1-3)
7.75µH ±10%
Lk. Inductance
(1-3) with (12-7) shorted
0.5µH MAX
PA1672NL
DCR
(1-3)
14m
Ω MAX
(12-7)
154m
Ω MAX
Hi-Pot
Pri-Sec
600Vrms
K1 Factor
416.7
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER


Similar Part No. - PA1366NL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1366 ETC2-PA1366 Datasheet
133Kb / 1P
   HDTV 1300 Series Crimper
More results

Similar Description - PA1366NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com