Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

443971 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # 443971
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

443971 Datasheet(HTML) 1 Page - YAGEO Corporation

  443971 Datasheet HTML 1Page - YAGEO Corporation 443971 Datasheet HTML 2Page - YAGEO Corporation 443971 Datasheet HTML 3Page - YAGEO Corporation 443971 Datasheet HTML 4Page - YAGEO Corporation 443971 Datasheet HTML 5Page - YAGEO Corporation 443971 Datasheet HTML 6Page - YAGEO Corporation 443971 Datasheet HTML 7Page - YAGEO Corporation 443971 Datasheet HTML 8Page - YAGEO Corporation 443971 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
GENERAL PURPOSE CHIP RESISTORS
RC0603
5%, 1%
RoHS compliant


Similar Part No. - 443971

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4439 FESTO-4439 Datasheet
74Kb / 1P
   Gap sensor
logo
List of Unclassifed Man...
4439 ETC-4439 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Tyco Electronics
443906-2 MACOM-443906-2 Datasheet
89Kb / 1P
   .050, .075, .100 Box Connectors
logo
Belden Inc.
443945 BELDEN-443945 Datasheet
152Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, LSZH Jkt, Eca
12-19-2022
443945.00100 BELDEN-443945.00100 Datasheet
152Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, LSZH Jkt, Eca
12-19-2022
More results

Similar Description - 443971

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com