Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDXAVX700KGSA3 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX700KGSA3
Description  Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX700KGSA3 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ASDXAVX700KGSA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX700KGSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Honeywell Sensing and Control
3
Figure 1. Nomenclature and Order Guide
ASDX
_ _
_ _ _ _ _
_
_
Power Supply Voltage
3 = 3.3 Vdc
5 = 5.0 Vdc
Package Selection
13
Calibration Selection
Series
Gage
-
010NG = 10 in H2O
-
025CG = 25 cm H2O
001PG = 1 psi
005PG = 5 psi
015PG = 15 psi
030PG = 30 psi
100PG = 100 psi
-
025MG = 25 mbar
050MG = 50 mbar
100MG = 100 mbar
200MG = 200 mbar
500MG = 500 mbar
001BG = 1 bar
002BG = 2 bar
007BG = 7 bar
003KG = 3 kPa
004KG = 4 kPa
005KG = 5 kPa
010KG = 10 kPa
020KG = 20 kPa
050KG = 50 kPa
100KG = 100 kPa
200KG = 200 kPa
700KG = 700 kPa
Differential
005ND = ±5 in H2O
010ND = ±10 in H2O
015CD = ±15 cm H2O
025CD = ±25 cm H2O
001PD = ±1 psi
005PD = ±5 psi
015PD = ±15 psi
030PD = ±30 psi
-
015MD = ±15 mbar
025MD = ±25 mbar
050MD = ±50 mbar
100MD = ±100 mbar
200MD = ±200 mbar
500MD = ±500 mbar
001BD = ±1 bar
002BD = ±2 bar
-
003KD = ±3 kPa
004KD = ±4 kPa
005KD = ±5 kPa
010KD = ±10 kPa
020KD = ±20 kPa
050KD = ±50 kPa
100KD = ±100 kPa
200KD = ±200 kPa
-
Absolute
-
-
-
-
-
-
015PA = 15 psi
030PA = 30 psi
100PA = 100 psi
-
-
-
-
-
-
001BA = 1 bar
002BA = 2 bar
007BA = 7 bar
-
-
-
-
-
-
100KA = 100 kPa
200KA = 200 kPa
700KA = 700 kPa
Pressure Range
16, 17, 18
Transfer Function Limits
14
A = 10% to 90% calibration
B = 5% to 95% calibration
Output Type
15
S = SPI
2 = I
2
C, Address 0x28
3 = I
2
C, Address 0x38
4 = I
2
C, Address 0x48
5 = I
2
C, Address 0x58
6 = I
2
C, Address 0x68
7 = I
2
C, Address 0x78
_
Pressure Port
AV = Axial port on top, vented cover on bottom
RR = Radial port on top, radial port on bottom
AC = Axial port, sealed cover (commonly used
for absolute)
RV = Radial port, single
Future Option
X
Notes:
13. Other package combinations are possible, please contact Honeywell Customer Service.
14. The transfer function limits define the output of the sensor at a given pressure input. By specifying the output signal at the maximum (Pmax.)
and minimum (Pmin.) limits of the pressure range, the complete transfer curve for the sensor is defined. See Figure 2 for a graphical
representation of each calibration. For the 12-bit digital output, Table 6 provides the output of the sensor at significant percentages. These
outputs are valid at the rated input voltage of the sensor.
15. The output type defines which communication protocol the sensor uses to communicate. Available protocols are I2C or half duplex SPI (sensor
acts only as a slave). This communication protocol is not field selectable, and must be defined when ordering the sensor.
16. Custom pressure ranges are available, please contact Honeywell Customer Service.
17. The pressure units (inches H20, cm H20, psi, mbar, bar, kPa) define the units used during calibration and in the application.
18. See Table 5 for an explanation of sensor types.


Similar Part No. - ASDXAVX700KGSA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX700KGAA3 HONEYWELL-ASDXAVX700KGAA3 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAA5 HONEYWELL-ASDXAVX700KGAA5 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAB3 HONEYWELL-ASDXAVX700KGAB3 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
ASDXAVX700KGAB5 HONEYWELL-ASDXAVX700KGAB5 Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
More results

Similar Description - ASDXAVX700KGSA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com