Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYP2BH168 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EYP2BH168
Description  Thermal Cutoffs (TCO)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYP2BH168 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EYP2BH168 Datasheet HTML 1Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 2Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 3Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 4Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 5Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 6Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 7Page - Panasonic Semiconductor EYP2BH168 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Thermal Cutoffs (TCO)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Part No.
Type No. of
Approved
Standards
Rated
Functioning
Temp.
1
(°C)
Functioning
Temp.
2
(°C)
Maximum
Operating
Temp.
3
(°C)
Holding
Temp.
4
(°C)
Maximum Temp.
Limit (°C)
5
Electrical
Rating
Approved Safety
Standards
RoHS
UL,VDE,
BEAB
CCC
CSA
AC/
DC
Amp.
(A)
Volt.
(V)
PS
E
UL
CSA VDE BEAB CCC
EYP05BE102
E102
102
98±2
70
78
200
150
AC
1.5
125
Under
examination
(
)
75
80
AC
0.5
250
65
70
DC
3
50
EYP05BE115
E115
115
110±2
76
93
200
150
AC
1.5
125
80
95
AC
0.5
250
70
84
DC
3
50
EYP05BE130
E130
130
126±2
90
112
200
180
AC
1.5
125
Under
examination
(
)
94
112
AC
0.5
250
83
102
DC
3
50
70
81
DC
5
50
EYP05BE133
E133
133
128±2
92
115
200
180
AC
1.5
125
Under
examination
(
)
96
115
AC
0.5
250
85
105
DC
3
50
EYP05BE139
E139
139
135±2
99
120
200
180
AC
1.5
125
Under
examination
(
)
103
120
AC
0.5
250
92
110
DC
3
50
80
90
DC
5
50
————
EYP05BE145
E145
145
141±2
105
125
200
AC
1.5
125
110
125
AC
0.5
250
80
95
DC
5
50
● E series
Note: For long lead types add the letter "L" at the end of the part number.
(Approved Safety Standards File No. UL:E60271, CSA:LR60271, VDE: 4811.6-1171-002, BEAB:C1066, CCC:2002010205004246)
(Approved Safety Standards File No. UL:E60271, CSA:LR60271, VDE: 4811.6-1171-004, BEAB:C1067, CCC:2002010205004245)
Part No.
Type No. of
Approved
Standards
Rated
Functioning
Temp.
1
(°C)
Functioning
Temp.
2
(°C)
Maximum
Operating
Temp.
3
(°C)
Holding
Temp.
4
(°C)
Maximum Temp.
Limit (°C)
5
Electrical
Rating
Approved Safety
Standards
RoHS
UL,VDE,
BEAB
CCC
CSA
AC/
DC
Amp.
(A)
Volt.
(V)
PS
E
UL
CSA VDE BEAB CCC
EYP2BH102
H102
102
98±2
70
74
200
200
AC
3
125
Under
examination
(
)
75
76
AC
2
250
65
70
DC
3.5
50
EYP2BH115
H115
115
110±2
76
86
200
200
AC
3
125
80
90
AC
2
250
74
84
DC
3.5
50
EYP2BH130
H130
130
126±2
90
105
200
200
AC
3
125
Under
examination
(
)
94
105
AC
2
250
86
100
DC
3.5
50
EYP2BH133
H133
133
128±2
92
108
200
200
AC
3
125
Under
examination
(
)
96
108
AC
2
250
88
102
DC
3.5
50
EYP2BH139
H139
139
135±2
99
115
200
200
AC
3
125
Under
examination
(
)
103
115
AC
2
250
95
107
DC
3.5
50
EYP2BH168
H168
168
163
+3
120
135
200
200
AC
3
125
Under
examination
(
)
120
142
AC
2
250
120
135
DC
3.5
50
● H series
–2
Mar. 2005


Similar Part No. - EYP2BH168

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP2BH168 PANASONIC-EYP2BH168 Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
More results

Similar Description - EYP2BH168

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
List of Unclassifed Man...
G4A01084C ETC2-G4A01084C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
Epson ToYoCom
TCO-711JT EPSONTOYOCOM-TCO-711JT Datasheet
408Kb / 1P
   TCO-711JT
TCO-787RH EPSONTOYOCOM-TCO-787RH Datasheet
376Kb / 1P
   TCO-787RH
TCO-7107Z1A EPSONTOYOCOM-TCO-7107Z1A Datasheet
307Kb / 1P
   TCO-7107Z1A
TCO-786NH EPSONTOYOCOM-TCO-786NH Datasheet
295Kb / 1P
   TCO-786NH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com