Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

443424 Datasheet(PDF) 1 Page - YAGEO Corporation

Part No. 443424
Description  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

443424 Datasheet(HTML) 1 Page - YAGEO Corporation

  443424 Datasheet HTML 1Page - YAGEO Corporation 443424 Datasheet HTML 2Page - YAGEO Corporation 443424 Datasheet HTML 3Page - YAGEO Corporation 443424 Datasheet HTML 4Page - YAGEO Corporation 443424 Datasheet HTML 5Page - YAGEO Corporation 443424 Datasheet HTML 6Page - YAGEO Corporation 443424 Datasheet HTML 7Page - YAGEO Corporation 443424 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
120
DATA SHEET
ARRAY CHIP RESISTORS
YC/TC 164 (8Pin/4R)
5%, 1%
sizes 4 × 0603
RoHS compliant


Similar Part No. - 443424

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
443 LITTELFUSE-443 Datasheet
52Kb / 1P
   SURFACE MOUNT FUSES
443 LITTELFUSE-443 Datasheet
170Kb / 4P
   Surface Mount Fuses
Glenair, Inc.
Glenair, Inc.
443-033 GLENAIR-443-033 Datasheet
290Kb / 2P
   Band-in-a-Can Piggyback Boot Adapter
List of Unclassifed Manufacturers
List of Unclassifed Man...
443-037 ETC1-443-037 Datasheet
20Kb / 1P
   Round Head Centre Punches, 100mm 4in long.
443-049 ETC1-443-049 Datasheet
20Kb / 1P
   Round Head Centre Punches, 100mm 4in long.
More results

Similar Description - 443424

ManufacturerPart No.DatasheetDescription
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
YAGEO Corporation
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
List of Unclassifed Manufacturers
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
YAGEO Corporation
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz