Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2-P-L12V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # SP2-P-L12V
Description  2c 15A, 4c 10A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-P-L12V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  SP2-P-L12V Datasheet HTML 1Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 2Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 3Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 4Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Initial contact pressure
2 Form C: Approx. 0.392 N (40 g 1.41 oz), 4 Form C: Approx. 0.196 N (20 g 0.71 oz)
Arrangement
2 Form C, 4 Form C
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Stationary contact: Au flashed AgSnO2 type, Movable contact: AgSnO2 type
Rating
Nominal switching capacity (resistive load)
2 Form C: 15 A 250 V AC, 4 Form C: 10 A 250 V AC
Max. switching power (resistive load)
2 Form C: 3,750 VA, 300 W, 4 Form C: 2,500 VA, 300 W
Max. switching voltage
2 Form C, 4 Form C: 250 V AC, 30 V DC (48V DC: Max. 2A)
Max. switching current
2 Form C: 15 A (AC) 10 A (DC), 4 Form C: 10 A
Minimum operating power
150mW (Single side stable, 2 coil latching)
Nominal operating power
300mW (Single side stable, 2 coil latching)
Min. switching capacity (Reference value)*1
100 mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
(25
°C, 50% relative humidity)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,500 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
3,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact sets
3,000 Vrms for 1 min. (Detection current: 10 mA)
Operate time [Set time] (at 20
°C 68°F)
Max. 30 ms [Max. 30 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 20 ms [Max. 30 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Temperature rise (coil) (at 20
°C 68°F)
Max. 40
°C
(By resistive method, nominal voltage applied to the coil; nominal switching capacity.)
Mechanical
characteristics
Shock resistance
Functional
Min. 392 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3 mm
Expected life
Mechanical
Min. 5
×107 (at 180 times/min.)
Electrical (resistive load)
2 Form C:
Min. 105 (15 A 250 V AC [at 20 times/min.]), Min. 105 (10 A 30 V DC [at 20 times/min.])
4 Form C:
Min. 105 (15 A 250 V AC [at 20 times/min.]), Min. 105 (10 A 30 V DC [at 20 times/min.])
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –50
°C to +60°C –58°F to +140°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at rated load)
Unit weight
2 Form C: 50 g 1.76 oz; 4 Form C: 65 g 2.29 oz
Operate and release time (Single side stable)
SP2
SP4
Coil temperature rise
Tested sample: SP2-DC24V
Ambient temperature: 20 to 22
°C 68 to 72°F
Coil applied voltage,%V
Max.
Max.
Min.
Min.
Operate time
Release time
80
90
110
100
0
10
20
30
40
50
Coil applied voltage,%V
Max.
Max.
Min.
Min.
Operate time
Release time
80
90
110
0
10
20
30
40
50
100
Coil applied voltage,%V
0
10
20
30
40
50
19.2 21.6
26.4 28.8 31.2 33.6 36.0
24.0
15 A
10 A
5 A
0 A


Similar Part No. - SP2-P-L12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-P-L12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com