Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2-P-L23V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SP2-P-L23V
Description  2c 15A, 4c 10A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-P-L23V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SP2-P-L23V Datasheet HTML 1Page - Panasonic Semiconductor SP2-P-L23V Datasheet HTML 2Page - Panasonic Semiconductor SP2-P-L23V Datasheet HTML 3Page - Panasonic Semiconductor SP2-P-L23V Datasheet HTML 4Page - Panasonic Semiconductor SP2-P-L23V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
TYPES
Standard packing (2 Form C): Carton: 20 pcs.; Case: 200 pcs.
Standard packing (4 Form C): Carton: 10 pcs.; Case: 100 pcs.
Note: PC board type and 1 coil latching type are manufactured by lot upon receipt of order.
* For terminal sockets and mounting boards sockets, see page 152 and 153.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form C
3V DC
SP2-DC3V
SP2-L2-DC3V
5V DC
SP2-DC5V
SP2-L2-DC5V
6V DC
SP2-DC6V
SP2-L2-DC6V
12V DC
SP2-DC12V
SP2-L2-DC12V
24V DC
SP2-DC24V
SP2-L2-DC24V
48V DC
SP2-DC48V
SP2-L2-DC48V
4 Form C
3V DC
SP4-DC3V
SP4-L2-DC3V
5V DC
SP4-DC5V
SP4-L2-DC5V
6V DC
SP4-DC6V
SP4-L2-DC6V
12V DC
SP4-DC12V
SP4-L2-DC12V
24V DC
SP4-DC24V
SP4-L2-DC24V
48V DC
SP4-DC48V
SP4-L2-DC48V
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
3V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
100mA
30
300mW
150%V of
nominal voltage
5V DC
60.2mA
83
6V DC
50mA
120
12V DC
25mA
480
24V DC
12.5mA
1,920
48V DC
6.2mA
7,700
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
70%V or less of
nominal voltage
(Initial)
70%V or less of
nominal voltage
(Initial)
100mA
100mA
30
30
300mW
300mW
150%V of
nominal voltage
5V DC
60.2mA
60.2mA
83
83
6V DC
50mA
50mA
120
120
12V DC
25mA
25mA
480
480
24V DC
12.5mA
12.5mA
1,920
1,920
48V DC
6.2mA
6.2mA
7,680
7,680


Similar Part No. - SP2-P-L23V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-P-L23V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com