Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6S70547YG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK6S70547YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6S70547YG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK6S70547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6S70547YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
2. P5KS
Product
name
Mated
height
No. of pins
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
4.0 mm
20
AXK5S20047YG
AXK6S20447YG
1,500 pieces
3,000 pieces
24
AXK5S24047YG
AXK6S24447YG
30
AXK5S30047YG
AXK6S30447YG
34
AXK5S34047YG
AXK6S34447YG
40
AXK5S40047YG
AXK6S40447YG
50
AXK5S50047YG
AXK6S50447YG
60
AXK5S60047YG
AXK6S60447YG
70
AXK5S70047YG
AXK6S70447YG
80
AXK5S80047YG
AXK6S80447YG
100
AXK5S00047YG
AXK6S00447YG
120
AXK5SA2077YG
AXK6SA2477YG
160
AXK5SA6077YG
AXK6SA6477YG
4.5 mm
20
AXK5S20247YG
AXK6S20447YG
24
AXK5S24247YG
AXK6S24447YG
30
AXK5S30247YG
AXK6S30447YG
34
AXK5S34247YG
AXK6S34447YG
36
AXK5S36247YG
AXK6S36447YG
40
AXK5S40247YG
AXK6S40447YG
50
AXK5S50247YG
AXK6S50447YG
60
AXK5S60247YG
AXK6S60447YG
70
AXK5S70247YG
AXK6S70447YG
80
AXK5S80247YG
AXK6S80447YG
100
AXK5S00247YG
AXK6S00447YG
120
AXK5SA2277YG
AXK6SA2477YG
160
AXK5SA6277YG
AXK6SA6477YG
P5KS
5.0 mm
20
AXK5S20047YG
AXK6S20547YG
Socket: 1,500 pieces
Header: 1,000 pieces
Socket: 3,000 pieces
Header: 2,000 pieces
24
AXK5S24047YG
AXK6S24547YG
30
AXK5S30047YG
AXK6S30547YG
34
AXK5S34047YG
AXK6S34547YG
40
AXK5S40047YG
AXK6S40547YG
50
AXK5S50047YG
AXK6S50547YG
60
AXK5S60047YG
AXK6S60547YG
70
AXK5S70047YG
AXK6S70547YG
80
AXK5S80047YG
AXK6S80547YG
100
AXK5S00047YG
AXK6S00547YG
5.5 mm
20
AXK5S20247YG
AXK6S20547YG
24
AXK5S24247YG
AXK6S24547YG
30
AXK5S30247YG
AXK6S30547YG
34
AXK5S34247YG
AXK6S34547YG
40
AXK5S40247YG
AXK6S40547YG
50
AXK5S50247YG
AXK6S50547YG
60
AXK5S60247YG
AXK6S60547YG
70
AXK5S70247YG
AXK6S70547YG
80
AXK5S80247YG
AXK6S80547YG
100
AXK5S00247YG
AXK6S00547YG
6.0 mm
20
AXK5S20047YG
AXK6S20647YG
30
AXK5S30047YG
AXK6S30647YG
40
AXK5S40047YG
AXK6S40647YG
50
AXK5S50047YG
AXK6S50647YG
60
AXK5S60047YG
AXK6S60647YG
70
AXK5S70047YG
AXK6S70647YG
80
AXK5S80047YG
AXK6S80647YG
100
AXK5S00047YG
AXK6S00647YG
6.5 mm
20
AXK5S20247YG
AXK6S20647YG
30
AXK5S30247YG
AXK6S30647YG
40
AXK5S40247YG
AXK6S40647YG
50
AXK5S50247YG
AXK6S50647YG
60
AXK5S60247YG
AXK6S60647YG
70
AXK5S70247YG
AXK6S70647YG
80
AXK5S80247YG
AXK6S80647YG
100
AXK5S00247YG
AXK6S00647YG
130
AXK5SA3277YG
AXK6SA3677YG


Similar Part No. - AXK6S70547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6S70547YG PANASONIC-AXK6S70547YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6S70547YG PANASONIC-AXK6S70547YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6S70547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com