Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM111811F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AM111811F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM111811F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AM111811F Datasheet HTML 1Page - Panasonic Semiconductor AM111811F Datasheet HTML 2Page - Panasonic Semiconductor AM111811F Datasheet HTML 3Page - Panasonic Semiconductor AM111811F Datasheet HTML 4Page - Panasonic Semiconductor AM111811F Datasheet HTML 5Page - Panasonic Semiconductor AM111811F Datasheet HTML 6Page - Panasonic Semiconductor AM111811F Datasheet HTML 7Page - Panasonic Semiconductor AM111811F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AM1
Panel mount roller plunger
mm General tolerance:
±0.4
Dimensions and Operating characteristics are the same as those of Panel mount roller plunger type. However, the roller joins the switch body at an angle of 90
°.
AM110811F (Solder terminal)
AM130811F (Screw terminal)
90
°
: Plastic
M12
× P1
Roller 12.7 dia.
× 4.6
Nut (2 thick)
16 ±
0.5
–0.05
+0.10
4.2
P.T.
0.4 max.
23.3 ±
0.3
33.3
O.P.
±1.2
14.3
4.2
+0.10
–0.05
dia.
15.5
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
3.6
Operating position,
mm
33.3
±1.2
CAD Data
Panel mount cross roller plunger
AM110812F (Solder terminal)
AM130812F (Screw terminal)
90
°
M12
× P1
Nut (2 thick)
: Plastic
Roller 12.7 dia.
× 4.6
16 ±
0.5
–0.05
+0.10
4.2
P.T.
0.4 max.
23.3 ±
0.3
33.3
O.P.
±1.2
14.3
4.2
+0.10
–0.05
dia.
15.5
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
3.6
Operating position,
mm
33.3
±1.2
CAD Data
Flexible leaf lever
AM1101F (Solder terminal)
AM1301F (Screw terminal)
14.6
4.8
49.6
±0.8
F.P.
O.P.
Leaf: Stainless steel
Operating force,
max.
1.47 N
Release force,
min.
0.14 N
Pretravel,
max. mm
4
Movement differential,
max. mm
1.3
Overtravel,
min. mm
1.6
Operating position,
mm
17.5
±0.8
CAD Data
Flexible roller leaf lever
AM1103F (Solder terminal)
AM1303F (Screw terminal)
14.6
46
±0.8
F.P.
O.P.
Leaf: Stainless steel
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.47 N
Release force,
min.
0.14 N
Pretravel,
max. mm
4
Movement differential,
max. mm
1.3
Overtravel,
min. mm
1.6
Operating position,
mm
28.6
±0.8
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - AM111811F

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
   One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
   One Channel H-Bridge Power Driver
Oct. 2016 V0.1
logo
Analog Power
AM110N03-03P ANALOGPOWER-AM110N03-03P Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM110N06-08P ANALOGPOWER-AM110N06-08P Datasheet
338Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM111811F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com