Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKN3F470FGP Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECKN3F470FGP
Description  High Voltage Ceramic Disc Capacitors (Low loss type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKN3F470FGP Datasheet(HTML) 9 Page - Panasonic Semiconductor

  ECKN3F470FGP Datasheet HTML 1Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 2Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 3Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 4Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 5Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 6Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 7Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 8Page - Panasonic Semiconductor ECKN3F470FGP Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
5
10
15
20
25
020
406080
100
120
ambient temperature (˚C)
10
50
100
500
1000
10
50
100
500
1000
Frequency (kHZ)
470 pF
1000 pF
2200 pF
4700 pF
220 pF
10
50
100
500
1000
10
50
100
500
1000
470 pF
1000 pF
2200 pF
4700 pF
220 pF
Frequency (kHZ)
100
500
1000
5000
10
50
100
500
1000
470 pF
1000 pF
2200 pF
4700 pF
220 pF
Frequency (kHZ)
100
500
1000
5000
10
50
100
500
1000
470 pF
1000 pF
2200 pF
4700 pF
220 pF
Frequency (kHZ)
100
500
1000
5000
10
50
100
500
1000
470 pF
1000 pF
2200 pF
220 pF
Frequency (kHZ)
100
500
1000
5000
10
50
100
500
1000
470 pF
1000 pF
2200 pF
220 pF
Frequency (kHZ)
Characteristics of Voltage – Frequency
Permission self generation of heat temperature
vs. ambient temperature
The graphs above show the maximum permissable voltage
when using a capacitor with an AC sine wave voltage.
When measuring this voltage in room temperature (25 °C), the
capacitor self-heat generation will rise a maximum of 20 °C.
When using a pulse voltage or an AC voltage other than a
sine wave, confirm that the capacitor self-heat generation is
less than 20 °C in an ambient room temperature of 25 °C.
The self-heat generation temperature is the difference between
the surface temperature and the ambient room temperature.
As for the situation when the self-heat generation temperature is
more than 25 °C, refer to the figure on the right.
Series KBP 1 kVDC
Series KRP 1 kVDC
Series KBP 2 kVDC
Series KRP 2 kVDC
Series KBP 3 kVDC
Series KRP 3 kVDC
Feb. 2006
Discontinued


Similar Part No. - ECKN3F470FGP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKN3F470FGP PANASONIC-ECKN3F470FGP Datasheet
579Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results

Similar Description - ECKN3F470FGP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
   High voltage ceramic disc capacitors (low loss type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors ( Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low Loss type)
ECKA3D101KBP PANASONIC-ECKA3D101KBP Datasheet
579Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com