Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-006DCG-120 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTW-006DCG-120
Description  Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-006DCG-120 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTW-006DCG-120 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-006DCG-120 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
7.2 Criteria for Judging the Damage
Criteria for Judgment
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*) 1.1
Luminous Intensity
IV
IF=20mA
U.S.L.**) 0.7
-
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
9. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-E2reas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe
workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTW-006DCG-5
Page :
11
of
11
BNS-OD-C131/A4


Similar Part No. - LTW-006DCG-120

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-006DCG-E1 LITEON-LTW-006DCG-E1 Datasheet
447Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
   Package in 12mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTW-006DCG-E2 LITEON-LTW-006DCG-E2 Datasheet
448Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-006DCG-120

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
484Kb / 11P
   Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG TO-GRACE-LTW-020ZDCG Datasheet
672Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTST-020ZBL TO-GRACE-LTST-020ZBL Datasheet
665Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG-E1 TO-GRACE-LTW-020ZDCG-E1 Datasheet
686Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-010GCG TO-GRACE-LTW-010GCG Datasheet
664Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com