Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431CIM Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # LM431CIM
Description  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431CIM Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button LM431CIM Datasheet HTML 4Page - Fairchild Semiconductor LM431CIM Datasheet HTML 5Page - Fairchild Semiconductor LM431CIM Datasheet HTML 6Page - Fairchild Semiconductor LM431CIM Datasheet HTML 7Page - Fairchild Semiconductor LM431CIM Datasheet HTML 8Page - Fairchild Semiconductor LM431CIM Datasheet HTML 9Page - Fairchild Semiconductor LM431CIM Datasheet HTML 10Page - Fairchild Semiconductor LM431CIM Datasheet HTML 11Page - Fairchild Semiconductor LM431CIM Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM431A/LM431B/LM431C
11
Ordering Information
Product Number
Output Voltage Tolerance
Package
Operating Temperature
LM431CCZ
0.5%
TO-92
-25 ~ +85°C
LM431CCM
8-SOP
LM431BCZ
1%
TO-92
LM431BCM
8-SOP
LM431ACN
2%
8-DIP
LM431ACZ
TO-92
LM431ACM
8-SOP
LM431CIZ
0.5%
TO-92
-40 ~ +85°C
LM431CIM
8-SOP
LM431BIZ
1%
TO-92
LM431BIM
8-SOP
LM431AIZ
2%
TO-92
LM431AIM
8-SOP


Similar Part No. - LM431CIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM431CIM NSC-LM431CIM Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
logo
Fairchild Semiconductor
LM431CIM FAIRCHILD-LM431CIM Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
Texas Instruments
LM431CIM TI1-LM431CIM Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
LM431CIM TI1-LM431CIM Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
National Semiconductor ...
LM431CIM/ NSC-LM431CIM/ Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431CIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com