Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C194KSKT Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part No. LTST-C194KSKT
Description  Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C194KSKT Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTST-C194KSKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-C194KSKT Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part No. : LTST-C194KSKT
Page :
10
of
11
BNS-OD-C131/A4
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
7. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As Per Data Sheet
Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS)*@20mA.
MIL-STD-750D:1026
MIL-STD-883D:1005
JIS C 7021:B-1
High Temperature
High Humidity
Storage
IR-Reflow In-Board, 2 Times
Ta= 65±5 ,RH= 90 95%
*Test Time= 240HRS±2HRS
MIL-STD-202F:103B
JIS C 7021:B-11
High Temperature
Storage
Ta= 105±5
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008
JIS C 7021:B-10
Endurance
Test
Low Temperature
Storage
Ta= -55±5
*Test Time=1000HRS (-24HRS,+72H RS)
JIS C 7021:B-12
Temperature
Cycling
105
25
-55
25
30mins 5mins
30mins 5mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1010
JIS C 7021:A-4
Thermal
Shock
IR-Reflow In-Board, 2 Times
85 ± 5
-40
± 5
10mins
10mins 10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1011
Solder
Resistance
T.sol= 260 ± 5
Dwell Time= 10 ± 1secs
MIL-STD-202F:210A
MIL-STD-750D:2031
JIS C 7021:A-1
IR-Reflow
Normal Process
Ramp-up rate(183
to Peak) +3 / second max
Temp. maintain at 125(±25)
120 seconds max
Temp. maintain above 183
60-150 seconds
Peak temperature range 235 +5/-0
Time within 5°C of actual Peak Temperature (tp)
10-30 seconds
Ramp-down rate +6 /second max
MIL-STD-750D:2031.2
J-STD-020C
IR-Reflow
Pb Free Process
Ramp-up rate(217
to Peak) +3 / second max
Temp. maintain at 175(±25)
180 seconds max
Temp. maintain above 217
60-150 seconds
Peak temperature range 260 +0/-5
Time within 5°C of actual Peak Temperature (tp)
20-40 seconds
Ramp-down rate +6 /second max
MIL-STD-750D:2031.2
J-STD-020C
Environmental
Test
Solderability
T.sol= 235 ± 5
Immersion time 2±0.5 sec
Immersion rate 25±2.5 mm/sec
Coverage
95% of the dipped surface
MIL-STD-202F:208D
MIL-STD-750D:2026
MIL-STD-883D:2003
IEC 68 Part 2-20
JIS C 7021:A-2
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.


Similar Part No. - LTST-C194KSKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C194KSKT-5A LITEON-LTST-C194KSKT-5A Datasheet
283Kb / 2P
   Top View Chip LED (0603/0.3T) 1.60(L) x 0.8(W) x 0.3(H)mm
More results

Similar Description - LTST-C194KSKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C170KFKT LITEON-LTST-C170KFKT Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
LTST-C193KRKT-2A LITEON-LTST-C193KRKT-2A Datasheet
604Kb / 11P
   Extra thin (0.35H mm) Chip LED
LTST-C19HE2WT LITEON-LTST-C19HE2WT Datasheet
697Kb / 11P
   ROHS/ Extra Thin (0.40Hmm) Full Color SMD Chip LED/
LTST-C19HE1WT LITEON-LTST-C19HE1WT_14 Datasheet
254Kb / 11P
   ROHS/ Extra Thin (0.35Hmm) Full Color SMD Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S115TGKFKT LITEON-LTST-S115TGKFKT Datasheet
584Kb / 12P
   Meet ROHS, Green Product, Dual color chip LED
LTST-S271KGKT LITEON-LTST-S271KGKT Datasheet
685Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz