Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C170KFKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part No. LTST-C170KFKT
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C170KFKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-C170KFKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical Optical Characteristics At Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C170KFKT
45.0
90.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
C170KFKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λ
P
C170KFKT
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λ
d
C170KFKT
605
nm
Note 3
Spectral Line Half-Width
Δλ
C170KFKT
17
nm
Forward Voltage
VF
C170KFKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
C170KFKT
100
μ
A
VR = 5V
Capacitance
C
C170KFKT
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTST-C170KFKT
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
LTST-C170KFKT TO-GRACE-LTST-C170KFKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C170KFKT-5A LITEON-LTST-C170KFKT-5A Datasheet
828Kb / 12P
   SMD LED
More results

Similar Description - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C194KSKT LITEON-LTST-C194KSKT Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KGKT LITEON-LTST-S271KGKT Datasheet
685Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KFKT LITEON-LTST-S221KFKT Datasheet
302Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KGKT LITEON-LTST-S221KGKT Datasheet
424Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz