Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C170KFKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part No. LTST-C170KFKT
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C170KFKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-C170KFKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings At Ta=25℃
Parameter
LTST-C170KFKT
Unit
Power Dissipation
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
mA
DC Forward Current
30
mA
Derating Linear From 50°C
0.4
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-55°C to + 85°C
Storage Temperature Range
-55°C to + 85°C
Wave Soldering Condition
260°C For 5 Seconds
Infrared Soldering Condition
260°C For 5 Seconds
Vapor Phase Soldering Condition
215°C For 3 Minutes
Part No. : LTST-C170KFKT
Page :
2
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
LTST-C170KFKT TO-GRACE-LTST-C170KFKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C170KFKT-5A LITEON-LTST-C170KFKT-5A Datasheet
828Kb / 12P
   SMD LED
More results

Similar Description - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C194KSKT LITEON-LTST-C194KSKT Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KGKT LITEON-LTST-S271KGKT Datasheet
685Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KFKT LITEON-LTST-S221KFKT Datasheet
302Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KGKT LITEON-LTST-S221KGKT Datasheet
424Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz