Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C170KFKT Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-C170KFKT
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C170KFKT Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-C170KFKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
9. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel
strap or conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at
static-safe workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTST-C170KFKT
Page :
11
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C170KFKT

ManufacturerPart #DatasheetDescription
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
LTST-C170KFKT TO-GRACE-LTST-C170KFKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C170KFKT-5A LITEON-LTST-C170KFKT-5A Datasheet
828Kb / 12P
   SMD LED
More results

Similar Description - LTST-C170KFKT

ManufacturerPart #DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C194KSKT LITEON-LTST-C194KSKT Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KGKT LITEON-LTST-S271KGKT Datasheet
685Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KFKT LITEON-LTST-S221KFKT Datasheet
302Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KGKT LITEON-LTST-S221KGKT Datasheet
424Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com