Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C170KFKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTST-C170KFKT
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C170KFKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-C170KFKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C170KFKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Meet ROHS, Green Product.
* Ultra bright AlInGaP Chip LED.
* Package In 8mm Tape On 7" Diameter Reels.
* EIA STD package.
* I.C. compatible.
* Compatible With Automatic Placement Equipment.
* Compatible With Infrared And Vapor Phase Reflow Solder Process.
Package Dimensions
Part No.
Lens
Source Color
LTST-C170KFKT
Water Clear
AllnGaP Orange
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part No. : LTST-C170KFKT
Page :
1
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn