Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LP2951
Description  Adjustable Micro Power Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LP2951 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LP2951 Datasheet HTML 1Page - Fairchild Semiconductor LP2951 Datasheet HTML 2Page - Fairchild Semiconductor LP2951 Datasheet HTML 3Page - Fairchild Semiconductor LP2951 Datasheet HTML 4Page - Fairchild Semiconductor LP2951 Datasheet HTML 5Page - Fairchild Semiconductor LP2951 Datasheet HTML 6Page - Fairchild Semiconductor LP2951 Datasheet HTML 7Page - Fairchild Semiconductor LP2951 Datasheet HTML 8Page - Fairchild Semiconductor LP2951 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP2951
5
Typical Performance Characteristics (Continued)
TYPICAL PERFORMANCE CHARACTERISTICS (Continued )
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
TEMPERATURE(
oC)
Fig. 7 Dropout
Voltage
0.1
1
10
100
0
100
200
300
400
500
OUTPUT CURRENT(mA)
Fig. 8 Dropout
Voltage
IL = 100mA
IL = 100
µµµµ A
TJ = 25
oC
Figure 7. Dropout Voltage
Figure 8. Dropout Voltage


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Exar Corporation
LP2951 EXAR-LP2951 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
LP2951 ONSEMI-LP2951 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
   150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LP2951 TI-LP2951 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RL00DTF FAIRCHILD-KA78RL00DTF Datasheet
53Kb / 10P
   Adjustable Micro Power Voltage Regulator
KA78RL00 FAIRCHILD-KA78RL00 Datasheet
47Kb / 10P
   Adjustable Micro Power Voltage Regulator
LP2951 FAIRCHILD-LP2951_10 Datasheet
99Kb / 8P
   Adjustable Micro Power Voltage Regulator
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317T ISC-LM317T Datasheet
127Kb / 1P
   Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com