Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS-4031BC Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTS-4031BC
Description  The LTS-4301B is a 0.4 inch 10.0mm digit height single digit seven-segent display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-4031BC Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTS-4031BC Datasheet HTML 1Page - Lite-On Technology Corporation LTS-4031BC Datasheet HTML 2Page - Lite-On Technology Corporation LTS-4031BC Datasheet HTML 3Page - Lite-On Technology Corporation LTS-4031BC Datasheet HTML 4Page - Lite-On Technology Corporation LTS-4031BC Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
  
 

  
'%&
     


Similar Part No. - LTS-4031BC

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LTS-4050-101 CONTRINEX-LTS-4050-101 Datasheet
149Kb / 2P
   Photoelektrischer N채herungsschalter
LTS-4050-101 CONTRINEX-LTS-4050-101 Datasheet
149Kb / 2P
   Photoelektrischer Näherungsschalter Détecteur de proximité photoélectrique Photoelectric proximity switch
LTS-4050-102 CONTRINEX-LTS-4050-102 Datasheet
149Kb / 2P
   Photoelektrischer N채herungsschalter
LTS-4050-102 CONTRINEX-LTS-4050-102 Datasheet
149Kb / 2P
   Photoelektrischer Näherungsschalter Détecteur de proximité photoélectrique Photoelectric proximity switch
LTS-4050-103 CONTRINEX-LTS-4050-103 Datasheet
149Kb / 2P
   Photoelektrischer Näherungsschalter Détecteur de proximité photoélectrique Photoelectric proximity switch
More results

Similar Description - LTS-4031BC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTC-4724JR LITEON-LTC-4724JR Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4627JR LITEON-LTC-4627JR Datasheet
143Kb / 5P
   The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
LTS-4802BJR-H1 LITEON-LTS-4802BJR-H1 Datasheet
146Kb / 5P
   The LTS-4802BJR-H1 is a 0.39 inch 10.0mm height digit display
LTS-3403LP LITEON-LTS-3403LP Datasheet
130Kb / 5P
   The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LE LITEON-LTS-3406LE Datasheet
128Kb / 5P
   The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3401LP LITEON-LTS-3401LP Datasheet
129Kb / 5P
   The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LE LITEON-LTS-3403LE Datasheet
116Kb / 5P
   The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LP LITEON-LTS-3406LP Datasheet
132Kb / 5P
   The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com