Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555D Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NE555D
Description  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE555D Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NE555D Datasheet HTML 6Page - Fairchild Semiconductor NE555D Datasheet HTML 7Page - Fairchild Semiconductor NE555D Datasheet HTML 8Page - Fairchild Semiconductor NE555D Datasheet HTML 9Page - Fairchild Semiconductor NE555D Datasheet HTML 10Page - Fairchild Semiconductor NE555D Datasheet HTML 11Page - Fairchild Semiconductor NE555D Datasheet HTML 12Page - Fairchild Semiconductor NE555D Datasheet HTML 13Page - Fairchild Semiconductor NE555D Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM555/NE555/SA555
10
10
10
10
When the trigger starts in a timer configured as shown in Figure 13, the current flowing through capacitor C1 becomes a
constant current generated by PNP transistor and resistors.
Hence, the VC is a linear ramp function as shown in Figure 14. The gradient S of the linear ramp function is defined as
follows:
Here the Vp-p is the peak-to-peak voltage.
If the electric charge amount accumulated in the capacitor is divided by the capacitance, the VC comes out as follows:
V=Q/C
(15)
The above equation divided on both sides by T gives us
and may be simplified into the following equation.
S=I/C
(17)
In other words, the gradient of the linear ramp function appearing across the capacitor can be obtained by using the constant
current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215mA and the capacitance is 0.02
µF, the gradient of the ramp function
at both ends of the capacitor is S = 0.215m/0.022
µ = 9.77V/ms.
S
V
pp
T
----------------
=
14
()
V
T
----
QT
C
------------
=
16
()


Similar Part No. - NE555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555D PHILIPS-NE555D Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
logo
NEC
NE555D NEC-NE555D Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
NE555D TI-NE555D Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
More results

Similar Description - NE555D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com