Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV321 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. LMV321
Description  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV321 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LMV321 Datasheet HTML 1Page - Fairchild Semiconductor LMV321 Datasheet HTML 2Page - Fairchild Semiconductor LMV321 Datasheet HTML 3Page - Fairchild Semiconductor LMV321 Datasheet HTML 4Page - Fairchild Semiconductor LMV321 Datasheet HTML 5Page - Fairchild Semiconductor LMV321 Datasheet HTML 6Page - Fairchild Semiconductor LMV321 Datasheet HTML 7Page - Fairchild Semiconductor LMV321 Datasheet HTML 8Page - Fairchild Semiconductor LMV321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DATA SHEET
LMV321/LMV358/LMV324
2
REV. 1A April 2004
LMV321
+
1
2
3
+In
-Vs
-In
+Vs
Out
5
4
+
1
2
3
+In
-Vs
-In
+Vs
Out
5
4
SC70-5
LMV358
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP-8
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC-8
LMV324
1
2
3
4
Out1
-In1
+In1
+Vs
Out4
-In4
+In4
-Vs
14
13
12
11
5
6
7
+In2
-In2
Out2
+In3
-In3
Out3
10
9
8
-
+
-
+
TSSOP-14
SOT23-5
Pin Assignments
1
2
3
4
Out1
-In1
+In1
+Vs
Out4
-In4
+In4
-Vs
14
13
12
11
5
6
7
+In2
-In2
Out2
+In3
-In3
Out3
10
9
8
-
+
-
+
SOIC-14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn