Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV321 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. LMV321
Description  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV321 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button LMV321 Datasheet HTML 2Page - Fairchild Semiconductor LMV321 Datasheet HTML 3Page - Fairchild Semiconductor LMV321 Datasheet HTML 4Page - Fairchild Semiconductor LMV321 Datasheet HTML 5Page - Fairchild Semiconductor LMV321 Datasheet HTML 6Page - Fairchild Semiconductor LMV321 Datasheet HTML 7Page - Fairchild Semiconductor LMV321 Datasheet HTML 8Page - Fairchild Semiconductor LMV321 Datasheet HTML 9Page - Fairchild Semiconductor LMV321 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DATA SHEET
LMV321/LMV358/LMV324
6
REV. 1A April 2004
Input Voltage Noise
Frequency (kHz)
1
10
100
1000
20
30
40
50
60
70
80
100
Total Harmonic Distortion
Frequency (kHz)
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Vo = 1Vpp
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
10M
10
100
100k
10k
1k
1M
-270
-225
-180
0
-135
-45
-90
-20
0
20
100
40
80
60
|Gain|
Phase
RL = 2kΩ
CL = 50pF
Typical Operating Characteristics
(Tc = 25°C, Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 10kΩ, Vo (DC) = Vcc/2; unless otherwise noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn