Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3302MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM3302MX
Description  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM3302MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM3302MX Datasheet HTML 1Page - Fairchild Semiconductor LM3302MX Datasheet HTML 2Page - Fairchild Semiconductor LM3302MX Datasheet HTML 3Page - Fairchild Semiconductor LM3302MX Datasheet HTML 4Page - Fairchild Semiconductor LM3302MX Datasheet HTML 5Page - Fairchild Semiconductor LM3302MX Datasheet HTML 6Page - Fairchild Semiconductor LM3302MX Datasheet HTML 7Page - Fairchild Semiconductor LM3302MX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2901,LM339/LM339A,LM3302 LM239/LM239A
3
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note:
1. LM339/LM339A : 0
≤ TA ≤ +70°C
LM2901/LM3302 : -40
≤ TA ≤ +85°C
LM239/LM239A : -25
≤ TA ≤ +85°C
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
LM239A/LM339A
LM239/LM339
Unit
Min.
Typ.
Max.
Min. Typ.
Max.
Input Offset
Voltage
VIO
VO(P) =1.4V, RS = 0
-1
2
-
1.4
5
mV
Note1
-
-
4.0
-
-
9.0
Input Offset
Current
IIO
IIN(+) - IIN(-), VCM = 0V
-
2.3
50
-
2.3
50
nA
Note1
-
-
150
-
-
150
Input Bias Current
IBIAS
VCM = 0V
-
57
250
-
57
250
nA
Note1
-
-
400
-
-
400
Input Common
Mode Voltage
Range
VI(R)
VCC = 30V
0
-
VCC-1.5
0
-
VCC-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
VCC = 5V, RL =
-
1.1
2.0
-
1.1
2.0
mA
Voltage Gain
GV
VCC =15V, RL
≥ 15kΩ
(for large swing)
50
200
-
50
200
-
V/mV
Large Signal
Response Time
TLRES
VI = TTL Logic Swing
VREF = 1.4V, VRL = 5V,
RL = 5.1k
Ω (Note2)
-
300
-
-
300
-
ns
Response Time
TRES
VRL = 5V, RL = 5.1k
(Note2)
-1.3
-
-
1.3
-
µs
Output Sink
Current
ISINK
VI(-)
≥ 1V, VI(+) = 0V,
VO(P)
≤ 1.5V
618
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-)
≥ 1V, VI(+) = 0V
-
140
400
-
140
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
Io(LKG)
VI(-) = 0V
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
µA
Differential Voltage VI(DIFF)
Note1
-
-
36
-
-
36
V


Similar Part No. - LM3302MX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM3302M96 INTERSIL-LM3302M96 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
LM3302M96 INTERSIL-LM3302M96 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
More results

Similar Description - LM3302MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com