Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-P00DWS57 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-P00DWS57
Description  High power LED light source Long life, up to 100k hours Instant light Iess than 100ns
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DWS57 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-P00DWS57 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DWS57 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DWS57
Page:
3
of
13
BNC-OD-C131/A4
Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
Forward Voltage*
1
VF
2.7
3.27
3.8
IF= 75mA*
1
V
Luminous Flux*
2
ΦV
39.8
49
61.2
IF = 75mA*
1
lm
Reverse Current*
1
IR
100
VR = 5V*
1
µA
Color Rendering Index
CRI
70
IF = 75mA
*1
View Angle*
2
1/2
120
IF = 75mA*
1
°
Chromaticity Coordinates*
2
Cx
0.330
IF = 75mA*
1
Cy
0.342
IF = 75mA*
1
Notes
1.
For each die.
2.
When all LED dies are operated simultaneously.
3.
Luminous flux is the total luminous flux output as measured with an integrating sphere.
4.
The chromaticity coordinates (x, y) is derived from the CIE 1931 chromaticity diagram.
5.
Luminous flux measurement allowance is ±7.5%.
6.
Forward voltage measurement allowance is ±0.1V.
7.
Color coordinates (x, y) measurement allowance is ±0.005.
8.
Color rendering (Ra) measurement allowance is ±2.


Similar Part No. - LTPL-P00DWS57

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
More results

Similar Description - LTPL-P00DWS57

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
   Instant light(less than 100ns)
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
   High power LED light source
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com