Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1807 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRFIC1807
Description  1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1807 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC1807 Datasheet HTML 1Page - Motorola, Inc MRFIC1807 Datasheet HTML 2Page - Motorola, Inc MRFIC1807 Datasheet HTML 3Page - Motorola, Inc MRFIC1807 Datasheet HTML 4Page - Motorola, Inc MRFIC1807 Datasheet HTML 5Page - Motorola, Inc MRFIC1807 Datasheet HTML 6Page - Motorola, Inc MRFIC1807 Datasheet HTML 7Page - Motorola, Inc MRFIC1807 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRFIC1807
MOTOROLA RF DEVICE DATA
C6
1.8 pF
Figure 2. 1.9 GHz Applications Circuit Configuration
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
GATE
BIAS
REG VDD
ANT
GND
TX IN
PA
OUT
GND
GND
RF IN
GND
T1 (FR4)
Zo = 100
L = 22 mm
C5
.01
µF
C4
100 pF
C3
22 pF
VDD
3.5 V
C5
4.7 pF
ANT
50 OHM
C2
2.2 pF
RF IN
50 OHM
C1
2.2 pF
T2 (FR4)
Zo = 70
L = 2 mm
MRFIC1807
C7
22 pF
RX OUT
50 OHM
PCNTRL
1 V TYP
TX/RX
0 V (RX)
3 V (TX)
VSS
– 2.5 V
REG VDD
GND
RX OUT
VSS
GND
GND
TX/RX
PCNTRL
REG VDD
3 V
Table 1. Small Signal S – Parameters
(VDD = 3.5 V, IDDQ = 180 mA, TA = 25°C, no input or output matching)
S11
S21
S12
S22
Freq (GHz)
Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
1.5
0.614
–171.5
2.203
82.6
0.104
74.5
0.741
175.4
1.6
0.695
175.7
1.871
71.7
0.110
69.2
0.746
171.5
1.7
0.747
167.3
1.647
63.4
0.108
64.0
0.745
167.4
1.8
0.777
160.3
1.473
56.2
0.106
58.7
0.746
163.0
1.9
0.799
154.2
1.341
49.2
0.120
54.0
0.753
158.9
2.0
0.814
148.3
1.230
43.0
0.118
49.6
0.758
154.8
2.1
0.826
142.5
1.128
36.8
0.114
45.2
0.764
150.6
2.2
0.835
137.0
1.041
31.2
0.120
40.6
0.767
146.7
2.3
0.842
131.4
0.959
26.4
0.127
37.0
0.780
143.4
2.4
0.856
126.6
0.895
21.1
0.124
33.8
0.796
139.8
2.5
0.870
121.7
0.840
16.0
0.126
30.4
0.808
136.4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn