Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1807 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MRFIC1807
Description  1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1807 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC1807 Datasheet HTML 1Page - Motorola, Inc MRFIC1807 Datasheet HTML 2Page - Motorola, Inc MRFIC1807 Datasheet HTML 3Page - Motorola, Inc MRFIC1807 Datasheet HTML 4Page - Motorola, Inc MRFIC1807 Datasheet HTML 5Page - Motorola, Inc MRFIC1807 Datasheet HTML 6Page - Motorola, Inc MRFIC1807 Datasheet HTML 7Page - Motorola, Inc MRFIC1807 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRFIC1807
2
MOTOROLA RF DEVICE DATA
ABSOLUTE MAXIMUM RATINGS (TA = 25°C Unless Otherwise noted)
Rating
Symbol
Limit
Unit
PA Supply Voltage
VDD
6.0
Vdc
Supply Voltage
REG VDD
4.5
Vdc
Supply Voltage
VSS
– 4.0
Vdc
RF Input Power
Pin
+25
dBm
Switch Control Voltage
TX/RX
6.0
Vdc
PA Control Voltage
PCNTRL
3.0
Vdc
Ambient Operating Temperature
TA
–10 to +70
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Thermal Resistance, Junction to Case
θJC
24
°C/W
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
RF Input Frequency
fRF
1.5 to 2.2
GHz
PA Supply Voltage
VDD
3.0 to 5.0
Vdc
Supply Voltage
REG VDD
2.9 to 3.1
Vdc
Supply Voltage
VSS
– 2.75 to – 2.25
Vdc
RF Input Power
PIN
+5.0 to +23
dBm
Switch Control Voltage, High (TX Mode)
TX/RX
2.8 to 3.5
Vdc
Switch Control Voltage, Low (RX Mode)
TX/RX
– 0.2 to 0.2
Vdc
PA Control Voltage
PCNTRL
0.0 to 2.5
Vdc
ELECTRICAL CHARACTERISTICS (1)
Transmit Mode (VDD = 3.5 V, REG VDD = 3.0 V, TA = 25°C, VSS = – 2.5 V, PCNTRL 0 V to 2.5 V, PIN = 20 dBm @ 1.9 GHz,
TX/RX = 3 V, POUT Measured at ANT Port)
Characteristic
Min
Typ
Max
Unit
Small Signal Gain (PIN = 0 dBm, PCNTRL set for IDDQ = 180 mA)
7.0
8.0
dB
Output Power (PCNTRL adjusted for efficiency
≥ 35%)
26
26.8
dBm
Output 1.0 dB Compression (PCNTRL set for IDDQ = 180 mA)
25
dBm
Harmonic Output (PCNTRL set for POUT = 26 dBm)
–40
dBc
Switch RX to TX Switching Time
0.1
µsec
TX/RX Control Input Current, Pin 10
0.2
mA
Drain Efficiency (Pout = 26 dBm) (2)
40
%
Supply Current, ISS
0.8
1.2
mA
Supply Current, REG IDD
0.8
1.2
mA
PCNTRL Control Input Current (Pin 9)
15
µA
Leakage Power at RX Port
–1
+6
dBm
Receive Mode (VDD = 0 V, REG VDD = 3.0 V, VSS = – 2.5 V, TX/RX = 0 V, TA = 25°C, Freq = 1.9 GHz)
Characteristic
Min
Typ
Max
Unit
ANT to RX Insertion Loss
1.0
1.3
dB
Switch TX to RX Switching Time
1.0
µsec
Supply Current, REG IDD
60
250
µA
Supply Current, ISS
60
250
µA
NOTES:
1. Measured with circuit configuration shown in Figure 2.
2. Includes switch loss.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn