Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1807 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRFIC1807
Description  1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1807 Datasheet(HTML) 5 Page - Motorola, Inc

  MRFIC1807 Datasheet HTML 1Page - Motorola, Inc MRFIC1807 Datasheet HTML 2Page - Motorola, Inc MRFIC1807 Datasheet HTML 3Page - Motorola, Inc MRFIC1807 Datasheet HTML 4Page - Motorola, Inc MRFIC1807 Datasheet HTML 5Page - Motorola, Inc MRFIC1807 Datasheet HTML 6Page - Motorola, Inc MRFIC1807 Datasheet HTML 7Page - Motorola, Inc MRFIC1807 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRFIC1807
MOTOROLA RF DEVICE DATA
10
9
8
7
6
5
3
f, FREQUENCY (GHz)
–10
°C
70
°C
TA = 25°C
Pin = 0 dBm
VDD = 3.5 V
IDDQ = 180 mA
4
1.5
2.2
1.7
1.9
2
2.1
1.6
1.8
Figure 9. Supply Current versus Frequency
1.5
f, FREQUENCY (GHz)
Figure 10. Output Power versus Frequency
27
26.5
26
f, FREQUENCY (GHz)
2.2
Figure 11. Quiescent Supply Current versus PCNTRL
0
PCNTRL (VOLTS)
2.5
1.7
1.9
2
2.1
Pin = 20 dBm
VDD = 3.5 V
IDDQ = 180 mA
0.5
1
1.5
2
1.6
1.8
–10
°C
70
°C
TA = 25°C
25.5
25
24.5
24
23.5
1.5
2.2
1.7
1.9
2
2.1
1.6
1.8
Pin = 20 dBm
VDD = 3.5 V
IDDQ = 180 mA
–10
°C
70
°C
TA = 25°C
275
250
225
200
175
150
400
300
200
100
0
VDD = 3.5 V
TA = 25°C
70
°C
–10
°C
Figure 12. Small Signal Gain versus Frequency
300
325
350
27.5
70
°C
500
600
1.5
1.4
1.3
1.2
1.1
1
FREQUENCY (GHz)
TA = 25°C
REG VDD = 3 V
TX/RX = 0 V
1.5
2.2
1.7
1.9
2
2.1
1.6
1.8
Figure 13. Leakage Power at RX Port in TX
Mode versus Frequency
3
2
1
0
–1
–2
FREQUENCY (GHz)
–10
°C
70
°C
TA = 25°C
–3
–4
1.5
2.2
1.7
1.9
2
2.1
1.6
1.8
Pout = 26 dBm
VDD = 3.5 V
IDDQ = 180 mA
Figure 14. RX Path Insertion Loss in RX Mode
versus Frequency


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn