Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1807 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRFIC1807
Description  1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1807 Datasheet(HTML) 4 Page - Motorola, Inc

  MRFIC1807 Datasheet HTML 1Page - Motorola, Inc MRFIC1807 Datasheet HTML 2Page - Motorola, Inc MRFIC1807 Datasheet HTML 3Page - Motorola, Inc MRFIC1807 Datasheet HTML 4Page - Motorola, Inc MRFIC1807 Datasheet HTML 5Page - Motorola, Inc MRFIC1807 Datasheet HTML 6Page - Motorola, Inc MRFIC1807 Datasheet HTML 7Page - Motorola, Inc MRFIC1807 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MRFIC1807
4
MOTOROLA RF DEVICE DATA
Figure 3. Output Power versus Input Power
30
25
20
15
10
5
–3
PIN, INPUT POWER (dBm)
Figure 4. Supply Current versus Input Power
400
350
300
100
PIN, INPUT POWER (dBm)
Figure 5. Output Power versus Input Power
30
25
20
15
10
5
PIN, INPUT POWER (dBm)
Figure 6. Supply Current versus Input Power
PIN, INPUT POWER (dBm)
–10
°C
70
°C
TA = 25°C
f = 1.9 GHz
VDD = 3.5 V
IDDQ = 180 mA
–10
°C
25
°C
TA = 70°C
VDD = 3.5 V
f = 1.9 GHz
IDDQ = 180 mA
TA = 25°C
f = 1.9 GHz
PCNTRL Set For
IDDQ = 180 mA @ 3.5 V
3.5 V
5 V
VDD = 3 V
5 V
3.5 V
VDD = 3 V
0
3
6
9
12
15
18
21
24
250
200
150
– 3
036
9
12
15
18
21
24
– 3
0
3
6
9
12
15
18
21
24
400
350
100
300
250
200
150
– 3
0
3
6
9
12
15
18
21
24
f = 1.9 GHz
TA = 25°C
PCNTRL Set For
IDDQ = 180 mA @ 3.5 V
25
°C
–10
°C
–10
°C
450
500
Figure 7. Output Power versus Input Power
Figure 8. Supply Current versus Input Power
30
25
20
15
10
PIN, INPUT POWER (dBm)
5
0
–5
– 3
0
3
6
9
12
15
18
21
24
VDD = 3.5 V
f = 1.9 GHz
TA = 25°C
PCNTRL = 2 V
1 V
0 V
350
300
250
200
150
100
50
0
PIN, INPUT POWER (dBm)
– 3
0
3
6
9
12
15
18
21
24
VDD = 3.5 V
TA = 25°C
f = 1.9 GHz
2 V
1 V
PCNTRL = 0 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn