Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL912VEKSA Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTL912VEKSA
Description  High Current Operation High Fiux Output Low Thermal Resistance Low Profile
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL912VEKSA Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTL912VEKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 9Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 10Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 11Page - Lite-On Technology Corporation LTL912VEKSA Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications).Consult Liteon’s Sales in advance for information on
applications in which exceptional reliability is required, particularly when the failure or malfunction of the
LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment,
medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are used within three months.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in
a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens.
Do not use the base of the lead frame as a fulcrum during forming.
Lead forming must be done before soldering, at normal temperature.
During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point.
Dipping the lens into the solder must be avoided.
Do not apply any external stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering conditions :
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
5 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR re-flow is not suitable process for through whole type Piranha LED production.
Part No. : LTL911VxKSA/LTL912VxKSA
Page :
9
of
12
BNS-OD-C131/A4


Similar Part No. - LTL912VEKSA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL912SEKSA LITEON-LTL912SEKSA Datasheet
252Kb / 12P
   Super Flux LEDs
LTL912SHKSA LITEON-LTL912SHKSA Datasheet
252Kb / 12P
   Super Flux LEDs
LTL912SYKSA LITEON-LTL912SYKSA Datasheet
252Kb / 12P
   Super Flux LEDs
LTL912TBKS LITEON-LTL912TBKS Datasheet
252Kb / 12P
   Super Flux LEDs
LTL912TCKS LITEON-LTL912TCKS Datasheet
252Kb / 12P
   Super Flux LEDs
More results

Similar Description - LTL912VEKSA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
STANLEY ELECTRIC CO.,LT...
HCNY115AJTE-TR STANLEY-HCNY115AJTE-TR Datasheet
820Kb / 26P
   High reliability, High flux, Low thermal resistance package
HFZV111AJTE-TR STANLEY-HFZV111AJTE-TR Datasheet
789Kb / 25P
   High reliability, High flux, Low thermal resistance package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com