Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413CY Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG413CY
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413CY Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG413CY Datasheet HTML 1Page - Maxim Integrated Products DG413CY Datasheet HTML 2Page - Maxim Integrated Products DG413CY Datasheet HTML 3Page - Maxim Integrated Products DG413CY Datasheet HTML 4Page - Maxim Integrated Products DG413CY Datasheet HTML 5Page - Maxim Integrated Products DG413CY Datasheet HTML 6Page - Maxim Integrated Products DG413CY Datasheet HTML 7Page - Maxim Integrated Products DG413CY Datasheet HTML 8Page - Maxim Integrated Products DG413CY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IN = 2.4V, all others = 0.8V
Improved, Quad,
SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, VGND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
ns
ns
-5
5
TA = TMIN to TMAX
-5
5
TA = TMIN to TMAX
TA = +25°C
-5
5
TA = TMIN to TMAX
-5
5
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
IN = 0.8V, all others = 2.4V
TA = +25°C
CONDITIONS
TA = +25°C
-1
-0.0001
1
All channels on or off,
V+ = 16.5V,
V- = -16.5V,
VIN = 0V or 5V
All channels on or off,
V+ = 16.5V,
V- = -16.5V,
VIN = 0V or 5V
All channels on or off,
V+ = 16.5V,
V- = -16.5V,
VIN = 0V or 5V
pF
35
f = 1MHz, Figure 8
CD(ON) +
CS(ON)
Drain On-Capacitance
pF
9
f = 1MHz, Figure 7
CD(OFF)
Drain Off-Capacitance
pF
9
f = 1MHz, Figure 7
CS(OFF)
Source Off-Capacitance
dB
85
RL = 50
Ω,
CL = 5pF,
f = 1MHz, Figure 6
Crosstalk (Note 6)
dB
68
RL = 50
Ω,
CL = 5pF,
f = 1MHz, Figure 5
OIRR
Off-Isolation (Note 5)
pC
510
CL = 1.0nF,
VGEN = 0V,
RGEN = 0
Ω, Figure 4
Q
Charge Injection (Note 3)
ns
25
DG413 only,
RL = 300
Ω,
CL = 35pF, Figure 3
tD
Break-Before-Make Time Delay
VD = ±10V,
Figure 2
VD = ±10V,
Figure 2
160
tOFF
Turn-Off Time
100
145
220
tON
Turn-On Time
µA
-0.500
0.005
0.500
IINH
110
175
Input Current with Input Voltage
High
-1
-0.0001
1
µA
IGND
Ground Current
µA
-1
0.0001
1
IL
Logic Supply Current
µA
-1
0.0001
1
I+
Positive Supply Current
µA
µA
-0.500
0.005
0.500
IINL
Input Current with Input Voltage
Low
All channels on or off,
V+ = 16.5V,
V- = -16.5V,
VIN = 0V or 5V
V
I-
Negative Supply Current
±4.5
±20.0
Power-Supply Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
INPUT
SUPPLY
DYNAMIC


Similar Part No. - DG413CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG413CY MAXIM-DG413CY Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG413CY MAXIM-DG413CY Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG413CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com