Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3322EEUP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3322EEUP
Description  Multidrop Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3322EEUP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3322EEUP Datasheet HTML 5Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 6Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 7Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 8Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 9Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 10Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 11Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 12Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
±15kV ESD-Protected, RS-232 Transceivers for
Multidrop Applications
______________________________________________________________________________________
11
MAX3322E
R1OUT
11
8
19
GND
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
14
15
16
T1IN
ENABLE
CONTROL
12
C2-
5
C2+
4
C1-
3
C1+
1
R1IN 10
5k
VL
VL
5k
7
T1OUT
T2OUT
9
V-
6
V+
2
VCC
SHDN
VL
C4
0.1
µF
C3
0.1
µF
20
18
17
C1
0.1
µF
C2
0.1
µF
+3.3V
RS-232
INPUTS
TTL/CMOS
OUTPUTS
TXENABLE
RENABLE
R2OUT
13
R2IN
Typical Operating Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1+
VCC
GND
SHDN
VL
RENABLE
TXENABLE
TIN1
ROUT1
TOP VIEW
MAX3323E
TSSOP/DIP
V+
C1-
V-
C2+
C2-
TOUT1
RIN1
Pin Configurations (continued)
Chip Information
TRANSISTOR COUNT: 1294
PROCESS: BiCMOS
MAX3322E
MAX3323E
CHARGE PUMP
HIGH
IMPEDANCE
VL V+
V-
C1+
V+
VCC
VL
ROUT
RENABLE
TIN
TXENABLE
SHDN
V-
RIN
5k
TOUT
C1- C2+ C2-
Functional Diagram


Similar Part No. - MAX3322EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3322EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
logo
Exar Corporation
DAN-200 EXAR-DAN-200 Datasheet
149Kb / 4P
   MULTIDROP/9-BIT MODE FEATURE
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Schneider Electric
VW3A8106 SCHNEIDER-VW3A8106 Datasheet
76Kb / 1P
   Modbus multidrop connection kit for PC serial port
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com