Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3323EEUE-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3323EEUE-T
Description  Multidrop Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3323EEUE-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3323EEUE-T Datasheet HTML 5Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 6Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 7Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 8Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 9Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 10Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 11Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 12Page - Maxim Integrated Products MAX3323EEUE-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
on the transmitter outputs and slightly reduces power
consumption. The values of C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1’s value without also increasing the val-
ues of C2, C3, and C4 to maintain the proper ratios (C1
to the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade
excessively with temperature. If in doubt, use capaci-
tors with a larger nominal value. The capacitor’s equiv-
alent series resistance (ESR), which usually rises at low
temperatures, influences the amount of ripple on V+
and V-.
Multidrop Applications
The MAX3323E connects to the RS-232 serial port of
computer peripherals such as a bar-code scanner,
video security controls, industrial multimeters, etc., and
allows multiple devices to share the same communica-
tion cable connected to a PC.
Figure 9 shows a PC UART transmitting to a single
receiver with a 5k
Ω termination resistor while the other
receivers remain in a high-impedance state. When the
receiver inputs are high impedance, they remain active
and maintain receiving capability. This feature permits
the design of multidrop applications, which observe the
RS-232 interface standard.
Transmitters are enabled and disabled through
TXENABLE, allowing the sharing of a single bus line.
Transmitters are high impedance when disabled. The
host PC’s transmitter stays enabled at all times. Only
one peripheral transmitter remains enabled at any time.
If the host PC wants to communicate with another
peripheral, it first must tell the current peripheral to
deassert its transmitter.
±15kV ESD-Protected, RS-232 Transceivers for
Multidrop Applications
_______________________________________________________________________________________
9
MAX3323E
PC
UART
5k
PERIPHERAL
CONTROL WITH UART
MAX3323E
5k
PERIPHERAL
CONTROL WITH UART
MAX3323E
5k
PERIPHERAL
CONTROL WITH UART
Figure 9. Multidrop Application
VCC (V)
C1 (
µF)
C2, C3, C4 (
µF)
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.22
1
Table 2. Minimum Required Capacitor
Values


Similar Part No. - MAX3323EEUE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3323EEUE MAXIM-MAX3323EEUE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3323EEUE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
logo
Exar Corporation
DAN-200 EXAR-DAN-200 Datasheet
149Kb / 4P
   MULTIDROP/9-BIT MODE FEATURE
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Schneider Electric
VW3A8106 SCHNEIDER-VW3A8106 Datasheet
76Kb / 1P
   Modbus multidrop connection kit for PC serial port
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com