Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411EGE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG411EGE
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411EGE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG411EGE Datasheet HTML 4Page - Maxim Integrated Products DG411EGE Datasheet HTML 5Page - Maxim Integrated Products DG411EGE Datasheet HTML 6Page - Maxim Integrated Products DG411EGE Datasheet HTML 7Page - Maxim Integrated Products DG411EGE Datasheet HTML 8Page - Maxim Integrated Products DG411EGE Datasheet HTML 9Page - Maxim Integrated Products DG411EGE Datasheet HTML 10Page - Maxim Integrated Products DG411EGE Datasheet HTML 11Page - Maxim Integrated Products DG411EGE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Improved, Quad,
SPST Analog Switches
_______________________________________________________________________________________
9
Ordering Information (continued)
Chip Topography
S3
S4
D3
0.097"
(2.46mm)
0.080"
(2.03mm)
V-
GND
D4
IN4
IN3
VL
V+
S2
D1
IN1
IN2
S1
D2
Contact factory for dice specifications.
*
EP = Exposed pad.
**
Contact factory for availability and processing to MIL-STD-883B.
***
Contact factory for availability.
PART
TEMP RANGE
PIN-PACKAGE
DG411EGE
-40°C to +85°C
16 QFN-EP*
DG411DJ
-40°C to +85°C
16 Plastic DIP
DG411DY
-40°C to +85°C
16 Narrow SO
DG411DK
-40°C to +85°C
16 CERDIP
DG411AK
-55°C to +125°C
16 CERDIP**
DG411MY/PR
-55°C to +125°C
16 SO***
DG411MY/PR-T
-55°C to +125°C
16 SO***
DG412CJ
0°C to +70°C
16 Plastic DIP
DG412CUE
0°C to +70°C
16 TSSOP
DG412EUE
-40°C to +85°C
16 TSSOP
DG412CY
0°C to +70°C
16 Narrow SO
DG412C/D
0°C to +70°C
Dice†
DG412DJ
-40°C to +85°C
16 Plastic DIP
DG412EGE
-40°C to +85°C
16 QFN-EP*
DG412DY
-40°C to +85°C
16 Narrow SO
DG412DK
-40°C to +85°C
16 CERDIP
DG412AK
-55°C to +125°C
16 CERDIP**
DG412MY/PR
-55°C to +125°C
16 SO***
DG412MY/PR-T
-55°C to +125°C
16 SO***
DG413CJ
0°C to +70°C
16 Plastic DIP
DG413CUE
0°C to +70°C
16 TSSOP
DG413EUE
-40°C to +85°C
16 TSSOP
DG413CY
0°C to +70°C
16 Narrow SO
DG413C/D
0°C to +70°C
Dice†
DG413EGE
-40°C to +85°C
16 QFN-EP*
DG413DJ
-40°C to +85°C
16 Plastic DIP
DG413DY
-40°C to +85°C
16 Narrow SO
DG413DK
-40°C to +85°C
16 CERDIP
DG413AK
-55°C to +125°C
16 CERDIP**


Similar Part No. - DG411EGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411EGE MAXIM-DG411EGE Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG411EGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com