Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0500ETZ Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0500ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-0500ETZ Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-0500ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
1 MBd Link
(High Performance HFBR-15X2ETZ/25X2ETZ)
System Performance Under recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
High
Data Rate
dc
1
MBd
BER ≤10-9, PRBS:27-1
Link Distance
d
37
m
IFdc = 60 mA
Notes 1,
(Standard Cable)
58
m
IFdc = 60 mA, 25° C
3, 4
Link Distance
d
43
m
IFdc = 60 mA
Notes 1,
(Improved Cable)
67
m
IFdc = 60 mA, 25° C
3, 4
Propagation
tPLH
100
250
ns
RL = 560
, CL = 30 pF
Fig. 10, 12
Delay
tPHL
80
140
ns
I = 0.5 metre
Notes 2, 4
PR = -24 dBm
Pulse Width
tD
20
ns
PR = -24 dBm
Fig. 10, 11
Distortion tPLH-tPHL
RL = 560
, CL = 30 pF
Note 4
Notes:
1. For IFPK > 80 mA, the duty factor must be such as to keep IFdc ≤80 mA. In addition, for IFPK > 80 mA, the following rules for pulse width apply:
IFPK ≤160 mA: Pulse width ≤1 ms
IFPK > 160 mA: Pulse width ≤1
S, period ≥20 S.
2. The propagation delay for one meter of cable is typically 5 ns.
3. Estimated typical link life expectancy at 40° C exceeds 10 years at 60 mA.
4. Pulsed LED operation at IFPK > 80 mA will cause increased link tPLH propagation delay time. This extended tPLH time contributes to increased
pulse width distortion of the receiver output signal.
Performance
1 MBd
Figure 9. Required 1 MBd interface circuit
The HFBR-25X2ETZ receiver cannot be overdriven when using the required
interface circuit shown in Figure 9


Similar Part No. - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com