Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD6836CX420H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LD6836CX420H
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836CX420H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LD6836CX420H Datasheet HTML 2Page - NXP Semiconductors LD6836CX420H Datasheet HTML 3Page - NXP Semiconductors LD6836CX420H Datasheet HTML 4Page - NXP Semiconductors LD6836CX420H Datasheet HTML 5Page - NXP Semiconductors LD6836CX420H Datasheet HTML 6Page - NXP Semiconductors LD6836CX420H Datasheet HTML 7Page - NXP Semiconductors LD6836CX420H Datasheet HTML 8Page - NXP Semiconductors LD6836CX420H Datasheet HTML 9Page - NXP Semiconductors LD6836CX420H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
6 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
5.
Limiting values
[1]
The (absolute) maximum power dissipation depends on the junction temperature Tj. Higher power dissipation is allowed with lower
ambient temperatures. The conditions to determine the specified values are Tamb =25 C and the use of a two layer Printed-Circuit
Board (PCB).
[2]
According to IEC 61340-3-1.
[3]
According to JESD22-A115C.
6.
Recommended operating conditions
[1]
See Section 10.1 “Capacitor values”.
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VIN
voltage on pin IN
4 ms transient
0.5
+6.0
V
Ptot
total power dissipation
LD6836CX4, LD6836CX4/C
[1] -770
mW
LD6836TD
[1] -800
mW
Tstg
storage temperature
55
+150
C
Tj
junction temperature
40
+125
C
Tamb
ambient temperature
40
+85
C
VESD
electrostatic discharge voltage
human body model level 6
[2] -
10
kV
machine model class 3
[3] -
400
V
Table 10.
Operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb
ambient temperature
40
-
+85
C
Tj
junction temperature
-
-
+125
C
Pin IN
VIN
voltage on pin IN
2.3
-
5.5
V
Pin EN
VEN
voltage on pin EN
0
-
VIN
V
Pin OUT
CL(ext)
external load capacitance
[1] 0.7
1.0
-
F


Similar Part No. - LD6836CX420H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836CX420H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com