Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD6836CX4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LD6836CX4
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836CX4 Datasheet(HTML) 1 Page - NXP Semiconductors

  LD6836CX4 Datasheet HTML 1Page - NXP Semiconductors LD6836CX4 Datasheet HTML 2Page - NXP Semiconductors LD6836CX4 Datasheet HTML 3Page - NXP Semiconductors LD6836CX4 Datasheet HTML 4Page - NXP Semiconductors LD6836CX4 Datasheet HTML 5Page - NXP Semiconductors LD6836CX4 Datasheet HTML 6Page - NXP Semiconductors LD6836CX4 Datasheet HTML 7Page - NXP Semiconductors LD6836CX4 Datasheet HTML 8Page - NXP Semiconductors LD6836CX4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.
Product profile
1.1 General description
The LD6836 series is a small-size Low DropOut regulator (LDO) family with a typical
voltage drop of 90 mV at 300 mA current rating. Operating input voltages can range from
2.3 V to 5.5 V. The devices are available with fixed output voltages between 1.2 V
and 3.6 V.
In disabled mode the LD6836x/xxH devices show a high-ohmic state at the output pin
while the LD6836x/xxP devices contain a pull-down switching transistor to provide a
low-ohmic output state (auto discharge function).
The LD6836CX4 and LD6836CX4/C devices are in a 0.4 mm pitch Wafer-Level
Chip-Scale Package (WLCSP) making them ideal for use in portable applications
requiring component miniaturization. The LD6836TD devices are in a small SOT753
Surface-Mounted Device (SMD) plastic package. All devices are manufactured in
monolithic silicon technology.
1.2 Features and benefits
300 mA output current rating
Input voltage range 2.3 V to 5.5 V
Fixed output voltage between 1.2 V and 3.6 V
Dropout voltage 90 mV at 300 mA output rating
Low quiescent current in shutdown mode (typical 0.1
A)
30
V RMS output noise voltage (typical value) at 10 Hz to 100 kHz
Turn-on time 150
s
55 dB Power Supply Rejection Ratio (PSRR) at 1 kHz
Over-temperature protection
Output current limiter
LD6836x/xxH: high-ohmic (3-state) output state when disabled
LD6836x/xxP: low-ohmic output state when disabled (auto discharge function)
Integrated ElectroStatic Discharge (ESD) protection up to 10 kV Human Body
Model (HBM)
WLCSP with 0.4 mm pitch and package size of 0.76 mm
 0.76 mm  0.47 mm
Small SOT753 SMD plastic package (SOT23-5 compatible)
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (dark green compliant)
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
Rev. 2 — 5 October 2012
Product data sheet


Similar Part No. - LD6836CX4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836CX4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com