Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD7N20LZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD7N20LZ
Description  N-Channel UniFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N20LZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD7N20LZ Datasheet HTML 1Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 2Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 3Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 4Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 5Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 6Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 7Page - Fairchild Semiconductor FDD7N20LZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD7N25LZ Rev. C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD7N25LZ
FDD7N25LZ
D-PAK
380mm
16mm
2500
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250A, VGS = 0V, TC = 25
oC
250
-
-
V
BV
DSS
T
J
Breakdown Voltage Temperature
Coefficient
ID = 250A, Referenced to 25
oC
-
0.25
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 250V, VGS = 0V
-
-
1
A
VDS = 200V, TC = 125
oC-
-
10
IGSSF
Gate to Body Leakage Current, Forward
VGS = 20V, VDS = 0V
-
-
10
A
IGSSR
Gate to Body Leakage Current, Reverse
VGS = -20V, VDS = 0V
-
-
-10
A
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250A1.0
-
2.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 3.1A
-
0.43
0.55
VGS = 5V, ID = 3.1A
-
0.45
0.57
gFS
Forward Transconductance
VDS = 20V, ID = 3.1A
-
7
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
480
635
pF
Coss
Output Capacitance
-
65
85
pF
Crss
Reverse Transfer Capacitance
-
8
12
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 250V ID = 6.2A
VGS = 10V
(Note 4)
-12
16
nC
Qgs
Gate to Source Gate Charge
-
1.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 6.2A
VGS = 10V, RG = 25
(Note 4)
-10
30
ns
tr
Turn-On Rise Time
-
15
40
ns
td(off)
Turn-Off Delay Time
-
75
160
ns
tf
Turn-Off Fall Time
-
30
70
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
5.5
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
20
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 6.2A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 6.2A
dIF/dt = 100A/s
-
130
-
ns
Qrr
Reverse Recovery Charge
-
0.6
-
C
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 6mH, IAS = 6.2A, VDD = 50V, RG = 25, Starting TJ = 25C
3. ISD 6.2A, di/dt  200A/s, VDD  BVDSS, Starting TJ = 25C
4. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDD7N20LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N20 FAIRCHILD-FDD7N20 Datasheet
353Kb / 9P
   N-Channel MOSFET
FDD7N20TF FAIRCHILD-FDD7N20TF Datasheet
353Kb / 9P
   N-Channel MOSFET
FDD7N20TM FAIRCHILD-FDD7N20TM Datasheet
353Kb / 9P
   N-Channel MOSFET
More results

Similar Description - FDD7N20LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
Fairchild Semiconductor
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
   N-Channel UniFET MOSFET 300 V, 14 A, 290 m
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
logo
Fairchild Semiconductor
FDD5N60NZTM FAIRCHILD-FDD5N60NZTM Datasheet
334Kb / 8P
   N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
   MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com