Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL335BCPZ-RL7 Datasheet(PDF) 14 Page - Analog Devices

Part No. ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 13Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 14Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 15Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL335
Rev. B | Page 14 of 16
OUTLINE DIMENSIONS
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
2.55
2.40 SQ
2.25
0.55
0.50
0.45
SEATING
PLANE
1.50
1.45
1.40
0.05 MAX
0.02 NOM
0.15 REF
COPLANARITY
0.08
0.15 MAX
PIN 1
INDICATOR
4.15
4.00 SQ
3.85
0.35
0.30
0.25
COMPLIANT TO JEDEC STANDARDS MO-220-WGGD.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 27. 16-Lead Lead Frame Chip Scale Package [LFCSP_LQ]
4 mm × 4 mm Body, 1.45 mm Thick Quad
(CP-16-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Measurement Range
Specified Voltage
Temperature Range
Package Description
Package Option
ADXL335BCPZ
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-14
ADXL335BCPZ–RL
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-14
ADXL335BCPZ–RL7
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-14
EVAL-ADXL335Z
Evaluation Board
1 Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn