Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL335BCPZ-RL7 Datasheet(PDF) 12 Page - Analog Devices

Part No. ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 13Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 14Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 15Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADXL335
Rev. B | Page 12 of 16
USE WITH OPERATING VOLTAGES OTHER THAN 3 V
The ADXL335 is tested and specified at VS = 3 V; however, it
can be powered with VS as low as 1.8 V or as high as 3.6 V. Note
that some performance parameters change as the supply voltage
is varied.
The ADXL335 output is ratiometric, therefore, the output
sensitivity (or scale factor) varies proportionally to the
supply voltage. At VS = 3.6 V, the output sensitivity is typi-
cally 360 mV/g. At VS = 2 V, the output sensitivity is typically
195 mV/g.
The zero g bias output is also ratiometric, thus the zero g
output is nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts;
therefore, the noise density decreases as the supply voltage
increases. This is because the scale factor (mV/g) increases
while the noise voltage remains constant. At VS = 3.6 V,
the X-axis and Y-axis noise density is typically 120 μg/√Hz,
whereas at VS = 2 V, the X-axis and Y-axis noise density is
typically 270 μg/√Hz.
Self-test response in g is roughly proportional to the square of
the supply voltage. However, when ratiometricity of sensitivity
is factored in with supply voltage, the self-test response in volts
is roughly proportional to the cube of the supply voltage. For
example, at VS = 3.6 V, the self-test response for the ADXL335
is approximately −560 mV for the X-axis, +560 mV for the
Y-axis, and +950 mV for the Z-axis.
At VS = 2 V, the self-test response is approximately −96 mV for
the X-axis, +96 mV for the Y-axis, and −163 mV for the Z-axis.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VS = 3.6 V is 375 μA, and typi-
cal current consumption at VS = 2 V is 200 μA.
AXES OF ACCELERATION SENSITIVITY
AZ
AY
AX
Figure 23. Axes of Acceleration Sensitivity; Corresponding Output Voltage
Increases When Accelerated Along the Sensitive Axis.
XOUT = –1g
YOUT = 0g
ZOUT = 0g
GRAVITY
XOUT = 0g
YOUT = 1g
ZOUT = 0g
XOUT = 0g
YOUT = –1g
ZOUT = 0g
XOUT = 1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = 1g
XOUT = 0g
YOUT = 0g
ZOUT = –1g
TOP
TOP
TOP
TOP
Figure 24. Output Response vs. Orientation to Gravity


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn