Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL335BCPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part No. ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL335BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADXL335
Rev. B | Page 7 of 16
TEMPERATURE COEFFICIENT (mg/°C)
0
5
10
15
20
25
30
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
Figure 9. X-Axis Zero g Bias Temperature Coefficient, VS = 3 V
TEMPERATURE COEFFICIENT (mg/°C)
0
10
20
40
30
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
Figure 10. Y-Axis Zero g Bias Temperature Coefficient, VS = 3 V
TEMPERATURE COEFFICIENT (mg/°C)
0
5
10
15
20
–7 –6 –5 –4 –3 –2 –1
01234567
Figure 11. Z-Axis Zero g Bias Temperature Coefficient, VS = 3 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
–40 –30 –20 –10 0
102030405060708090 100
N = 8
TEMPERATURE (°C)
Figure 12. X-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
N = 8
TEMPERATURE (°C)
Figure 13. Y-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB
1.30
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
N = 8
TEMPERATURE (°C)
Figure 14. Z-Axis Zero g Bias vs. Temperature—
Eight Parts Soldered to PCB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn