Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL335BCPZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL335BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL335
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
50
0
10
20
30
40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 3. X-Axis Zero g Bias at 25°C, VS = 3 V
50
0
10
20
30
40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 4. Y-Axis Zero g Bias at 25°C, VS = 3 V
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
0
5
10
15
20
25
Figure 5. Z-Axis Zero g Bias at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
40
–0.40
–0.38
–0.36
–0.34
–0.32
–0.30
–0.28
–0.26
Figure 6. X-Axis Self-Test Response at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
50
40
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Figure 7. Y-Axis Self-Test Response at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
40
0.48
0.50
0.52
0.54
0.56
0.58
0.60
0.62
Figure 8. Z-Axis Self-Test Response at 25°C, VS = 3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn