Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL335BCPZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADXL335BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADXL335
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD IS NOT INTERNALLY
CONNECTED BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY.
NC = NO CONNECT
NC
1
ST
2
COM
3
NC
4
XOUT
12
NC
11
YOUT
10
NC
9
567
8
16
15
14
13
ADXL335
TOP VIEW
(Not to Scale)
+Z
+X
+Y
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect.1
2
ST
Self-Test.
3
COM
Common.
4
NC
No Connect.1
5
COM
Common.
6
COM
Common.
7
COM
Common.
8
ZOUT
Z Channel Output.
9
NC
No Connect.1
10
YOUT
Y Channel Output.
11
NC
No Connect. 1
12
XOUT
X Channel Output.
13
NC
No Connect. 1
14
VS
Supply Voltage (1.8 V to 3.6 V).
15
VS
Supply Voltage (1.8 V to 3.6 V).
16
NC
No Connect. 1
EP
Exposed Pad
Not internally connected. Solder for mechanical integrity.
1 NC pins are not internally connected and can be tied to COM pins, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn