Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2903N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. LM2903N
Description  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM2903N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM2903N Datasheet HTML 1Page - Fairchild Semiconductor LM2903N Datasheet HTML 2Page - Fairchild Semiconductor LM2903N Datasheet HTML 3Page - Fairchild Semiconductor LM2903N Datasheet HTML 4Page - Fairchild Semiconductor LM2903N Datasheet HTML 5Page - Fairchild Semiconductor LM2903N Datasheet HTML 6Page - Fairchild Semiconductor LM2903N Datasheet HTML 7Page - Fairchild Semiconductor LM2903N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Single Supply Operation: 2V to 36V
• Dual Supply Operation:
± 1V to ±18V
• Allow Comparison of Voltages Near Ground Potential
• Low Current Drain 800
µA Typ.
• Compatible with all Forms of Logic
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current
±5nA Typ.
• Low Offset Voltage
±1mV Typ.
Description
The LM2903/LM2903I, LM393/LM393A, LM293/
LM293A consist of two independent voltage comparators
designed to operate from a single power supply over a wide
voltage range.
8-DIP
8-SOP
1
1
Internal Block Diagram
LM2903/LM2903I,LM393/LM393A,
LM293/LM293A
Dual Differential Comparator


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC1414DUAL DIFFERENTIAL COMPARATOR 1 2 3 4 Motorola, Inc
LM1514Dual Differential Voltage Comparator 1 2 National Semiconductor (TI)
UTCLM393DUAL DIFFERENTIAL COMPARATOR 1 2 3 4 Unisonic Technologies
KA293Dual Differential Comparator 1 2 3 4 5 MoreFairchild Semiconductor
MNLM711AM-XDUAL HIGH SPEED DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC352LinCMOSE DUAL DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreTexas Instruments
LMC6762Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE919DIntegrated Circuit High Speed Dual Comparator 1 2 3 NTE Electronics
ALD2301ADUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER 1 2 3 4 Advanced Linear Devices
KIA393PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR 1 2 3 KEC(Korea Electronics)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn