Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD976AARZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD976AARZ
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976AARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD976AARZ Datasheet HTML 7Page - Analog Devices AD976AARZ Datasheet HTML 8Page - Analog Devices AD976AARZ Datasheet HTML 9Page - Analog Devices AD976AARZ Datasheet HTML 10Page - Analog Devices AD976AARZ Datasheet HTML 11Page - Analog Devices AD976AARZ Datasheet HTML 12Page - Analog Devices AD976AARZ Datasheet HTML 13Page - Analog Devices AD976AARZ Datasheet HTML 14Page - Analog Devices AD976AARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD976/AD976A
–11–
REV. C
VOLTAGE REFERENCE
The AD976/AD976A has an on-chip temperature compensated
bandgap voltage reference that is factory trimmed to 2.5 V
± 20 mV. The full-scale range of the ADC is equal to ±4V
REF.
Thus, the nominal range will be
±10 V.
The accuracy of the AD976 over the specified temperature
range is dominated by the drift performance of the voltage refer-
ence. The on-chip voltage reference is laser-trimmed to provide
a typical drift of 7 ppm/
°C. This typical drift characteristic is
shown in Figure 13, which is a plot of the change in reference
voltage (in mV) versus the change in temperature—notice the
plot is normalized for zero error at +25
°C. If improved drift
performance is required, an external reference such as the
AD780 should be used to provide a drift as low as 3 ppm/
°C. In
order to simplify the drive requirements of the voltage reference
(internal or external), an onboard reference buffer is provided.
The output of this buffer is provided at the CAP pin and is
available to the user; however, when externally loading the refer-
ence buffer, it is important to make sure that proper precautions
are taken to minimize any degradation in the ADC’s perfor-
mance. Figure 14 shows the load regulation of the reference
buffer. Notice that this figure is also normalized so that there is
zero error with no dc load. In the linear region, the output im-
pedance at this point is typically 1 ohm. Because of this 1 ohm
output impedance, it is important to minimize any ac or input
dependent loads that will lead to increased distortion. Any dc
loads will simply act as a gain error. Although the typical char-
acteristic of Figure 14 shows that the AD976 is capable of driv-
ing loads greater than 15 mA, it is not recommended that the
steady state current exceed 2 mA.
In addition to the on-chip reference, an external 2.5 V reference
can be applied. When choosing an external reference for a
16-bit application, however, careful attention should be paid to
noise and temperature drift. These critical specifications can
have a significant effect on the ADC performance.
Figure 9 shows the AD976/AD976A with the AD780 voltage
reference applied to the REF pin. The AD780 is a bandgap
reference that exhibits ultralow drift, low initial error, and low
output noise. For low power applications, the REF192 provides
a low quiescent current, high accuracy and low temperature
drift solution.
C4
0.1 F
VANA
C3
1 F
VIN
AGND1
REF
CAP
AGND2
10V INPUT
R2
33.2k
C2
2.2 F
AD976/
AD976A
R1
200
C1
2.2 F
AD780
GND
VOUT
TEMP
VIN
0.1 F
+5V
Figure 9. AD780 External Reference Connection to the
AD976/AD976A
AC PERFORMANCE
The AD976/AD976A is fully specified and tested for dynamic
performance specifications. The ac parameters are required for
signal processing applications such as speech recognition and
spectrum analysis. These applications require information on
the ADC’s effect on the spectral content of the input signal.
Hence, the parameters for which the AD976/AD976A is
specified include: S/(N+D), THD and Spurious Free Dynamic
Range. These terms are discussed in greater detail in the follow-
ing sections.
As a general rule, it is recommended that the results from sev-
eral conversions be averaged to reduce the effects of noise, thus
improving parameters such as S/(N+D) and THD. The ac per-
formance of the AD976/AD976A can be optimized by operating
the ADC at its maximum sampling rate of 100 kHz/200 kHz
and by digitally filtering the resulting bit stream to the desired
signal bandwidth. By distributing noise over a wider frequency
range, the noise density in the frequency band of interest can be
reduced. For example, if the required input bandwidth is 50 kHz,
the AD976A could be oversampled by a factor of 2. This would
yield a 3 dB improvement in the effective SNR performance.
FREQUENCY – kHz
0
–10
–150
0
100
10
20
30
40
–40
–70
–130
–140
–20
–30
–60
–50
–90
–120
–80
–110
–100
50
60
70
80
90 95
5
15
25
3545
55
657585
FSAMPLE = 200kHz
FIN = 45kHz
SNR = 86.23dB
THD = –105.33dB
100%
Figure 10. FFT PLOT
DC PERFORMANCE
The factory calibration scheme used for the AD976/AD976A
compensates for bit weight errors that may exist in the capacitor
array. The mismatch in capacitor values is adjusted (using the
calibration coefficients) during a conversion, resulting in excellent
dc linearity performance. Figures 11, 12, 15, 16, 17 and 18,
respectively, show typical INL, typical DNL, typical positive and
negative INL and DNL distribution plots for the AD976/AD976A
at +25
°C.
A histogram test is a statistical method for deriving an A/D
converter’s differential nonlinearity. A ramp input is sampled
by the ADC and a large number of conversions are taken and
stored. Theoretically, the codes would all be the same size and
therefore have an equal number of occurrences. A code with an
average number of occurrences would have a DNL of “0.” A
code that is different than the average would have a DNL that
was either greater or less than zero LSB. A DNL of –1 LSB
indicates that there is a missing code present at the 16-bit level
and that the ADC exhibits 15-bit performance.


Similar Part No. - AD976AARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD976AAR AD-AD976AAR Datasheet
179Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AAR AD-AD976AAR Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AAR AD-AD976AAR Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AAR AD-AD976AAR Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AAR AD-AD976AAR Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results

Similar Description - AD976AARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD976 AD-AD976_15 Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BRSZ AD-AD976BRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
5962-9756401QXA AD-5962-9756401QXA Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ARZ AD-AD976ARZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ANZ AD-AD976ANZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976CNZ AD-AD976CNZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com