Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD826AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD826AR-REEL7
Description  High-Speed, Low-Power Dual Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD826AR-REEL7 Datasheet HTML 6Page - Analog Devices AD826AR-REEL7 Datasheet HTML 7Page - Analog Devices AD826AR-REEL7 Datasheet HTML 8Page - Analog Devices AD826AR-REEL7 Datasheet HTML 9Page - Analog Devices AD826AR-REEL7 Datasheet HTML 10Page - Analog Devices AD826AR-REEL7 Datasheet HTML 11Page - Analog Devices AD826AR-REEL7 Datasheet HTML 12Page - Analog Devices AD826AR-REEL7 Datasheet HTML 13Page - Analog Devices AD826AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD826
-10-
Rev. C
THEORY OF OPERATION
The AD826 is a low cost, wide band, high performance dual
operational amplifier which can drive heavy capacitive and
resistive loads. It also achieves a constant slew rate, bandwidth
and settling time over its entire specified temperature range.
The AD826 (Figure 35) consists of a degenerated NPN
differential pair driving matched PNPs in a folded-cascode gain
stage. The output buffer stage employs emitter followers in a
class AB amplifier which delivers the necessary current to the
load while maintaining low levels of distortion.
OUTPUT
CF
NULL1
NULL8
–VS
–IN
+IN
+VS
Figure 35. Simplified Schematic
The capacitor, CF, in the output stage mitigates the effect of
capacitive loads. With low capacitive loads, the gain from the
compensation node to the output is very close to unity. In this
case, CF is bootstrapped and does not contribute to the overall
compensation capacitance of the device. As the capacitive load
is increased, a pole is formed with the output impedance of the
output stage. This reduces the gain, and therefore, CF is
incompletely bootstrapped. Effectively, some fraction of CF
contributes to the overall compensation capacitance, reducing
the unity gain bandwidth. As the load capacitance is further
increased, the bandwidth continues to fall, maintaining the
stability of the amplifier.
INPUT CONSIDERATIONS
An input protection resistor (RIN in Figure 25) is required in
circuits where the input to the AD826 will be subjected to
transient or continuous overload voltages exceeding the ±6 V
maximum differential limit. This resistor provides protection
for the input transistors by limiting their maximum base current.
For high performance circuits, it is recommended that a
“balancing” resistor be used to reduce the offset errors caused
by bias current flowing through the input and feedback resistors.
The balancing resistor equals the parallel combination of RIN
and RF and thus provides a matched impedance at each input
terminal. The offset voltage error will then be reduced by more
than an order of magnitude.
APPLYING THE AD826
The AD826 is a breakthrough dual amp that delivers precision
and speed at low cost with low power consumption. The AD826
offers excellent static and dynamic matching characteristics,
combined with the ability to drive heavy resistive and capacitive
loads. As with all high frequency circuits, care should be taken
to maintain overall device performance as well as their matching.
The following items are presented as general design considerations.
Circuit Board Layout
Input and output runs should be laid out so as to physically
isolate them from remaining runs. In addition, the feedback
resistor of each amplifier should be placed away from the
feedback resistor of the other amplifier, since this greatly
reduces inter-amp coupling.
Choosing Feedback and Gain Resistors
In order to prevent the stray capacitance present at each
amplifier’s summing junction from limiting its performance,
the feedback resistors should be ≤1 kΩ. Since the summing
junction capacitance may cause peaking, a small capacitor
(1 pF–5pF) maybe paralleled with RF to neutralize this effect.
Finally, sockets should be avoided, because of their tendency to
increase interlead capacitance.
Power Supply Considerations
To ensure the proper operation of the AD826, connect the
positive supply before the negative supply. Also, proper power
supply decoupling is critical to preserve the integrity of high
frequency signals. In carefully laid out designs, decoupling
capacitors should be placed in close proximity to the supply
pins, while their lead lengths should be kept to a minimum.
These measures greatly reduce undesired inductive effects on
the amplifier’s response.
Though two 0.1 μF capacitors will typically be effective in
decoupling the supplies, several capacitors of different values
can be paralleled to cover a wider frequency range.


Similar Part No. - AD826AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826AR-REEL7 AD-AD826AR-REEL7 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
More results

Similar Description - AD826AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
   High-Speed, Low-Power Dual Operational Amplifier
AD826 AD-AD826_15 Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com