Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7002BKMB Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 2N7002BKMB
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7002BKMB Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
1.2 Features and benefits
Very fast switching
Trench MOSFET technology
ESD protection up to 2 kV
Logic-level compatible
Ultra thin package profile with 0.37
mm height
1.3 Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 1 cm2.
2N7002BKMB
60 V, single N-channel Trench MOSFET
Rev. 2 — 13 June 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj = 25 °C
--60
V
VGS
gate-source voltage
-20
-
20
V
ID
drain current
VGS =10V; Tamb =25°C
[1]
-
-
450
mA
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =450 mA; Tj =25°C
-
1
1.6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn