Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7002BKMB Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 2N7002BKMB
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7002BKMB Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 June 2012
9 of 15
NXP Semiconductors
2N7002BKMB
60 V, single N-channel Trench MOSFET
ID = 300 mA; VDS = 30 V; Tj = 25 °C
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Gate charge waveform definitions
VGS = 0 V
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 17. Source current as a function of source-drain voltage; typical values
QG (nC)
0.0
0.8
0.6
0.2
0.4
017aaa047
2.0
3.0
1.0
4.0
5.0
VGS
(V)
0.0
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
VSD (V)
0.0
1.2
0.8
0.4
017aaa048
0.4
0.8
1.2
IS
(A)
0.0
(1)
(2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn