Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7002BKMB Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. 2N7002BKMB
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7002BKMB Datasheet(HTML) 8 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 June 2012
8 of 15
NXP Semiconductors
2N7002BKMB
60 V, single N-channel Trench MOSFET
VDS > ID x RDSon
(1) Tj = 25 °C
(2) Tj = 150 °C
Fig 11. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 12. Normalized drain-source on-state resistance as
a function of junction temperature; typical
values
ID = 0.25 A; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
f = 1 MHz; VGS = 0 V
(1) Ciss
(2) Coss
(3) Crss
Fig 13. Gate-source threshold voltage as a function of
junction temperature
Fig 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
VGS (V)
0.0
5.0
4.0
2.0
3.0
1.0
017aaa043
0.4
0.6
0.2
0.8
1.0
ID
(A)
0.0
(1)
(2)
Tj (°C)
-60
180
120
060
aaa-002591
1.2
0.6
1.8
2.4
a
0.0
Tj (°C)
-60
180
120
060
aaa-002592
1.0
2.0
3.0
VGS(th)
(V)
0.0
(2)
(1)
(3)
017aaa046
VDS (V)
10−1
102
10
1
10
102
C
(pF)
1
(2)
(1)
(3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn