Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7002BKMB Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 2N7002BKMB
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7002BKMB Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 June 2012
2 of 15
NXP Semiconductors
2N7002BKMB
60 V, single N-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT883B (DFN1006B-3)
2S
source
3
D
drain
3
1
2
Transparent
top view
017aaa255
G
D
S
Table 3.
Ordering information
Type number
Package
Name
Description
Version
2N7002BKMB
DFN1006B-3
Leadless ultra small plastic package; 3 solder lands;
body 1.0 x 0.6 x 0.37 mm
SOT883B
Table 4.
Marking codes
Type number
Marking code
2N7002BKMB
0000 0001
Fig 1.
DFN1006B-3 (SOT883B) binary marking code description
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn